Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp CS82C85 Datasheet HTML 10Page - Renesas Technology Corp CS82C85 Datasheet HTML 11Page - Renesas Technology Corp CS82C85 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 8 of 21
March 1997
FAST-to-SLOW or SLOW-to-FAST mode changes will occur on
the next rising or falling edge of PCLK. It is important to
remember that the transition time for operating frequency
changes, which are dependent upon PCLK, will vary with the
82C85 oscillator or EFI frequency.
Slow Mode Control
The 82C55A programmable peripheral interface can be used
to provide control of the SLO/FST pin by connecting a port pin
of the 82C55A directly to the SLO/FST pin (See Figure 1). With
the port pin configured as an output, software control of the
SLO/FST pin is provided by simply writing a logical one (FAST
mode) or logical zero (SLOW Mode) to the corresponding port.
PORT C is well-suited for this function due to it’s bit set and
reset capabilities. Since PCLK continues to run at a frequency
equal to the oscillator or EFI frequency divided by 6, it can be
used by other devices in the system which need a fixed high
frequency clock. For example, PCLK could be used to clock an
82C54 programmable interval timer to produce a real-time
clock for the system or as a baud rate generator to maintain
serial data communications during SLOW mode operation.
Oscillator
The oscillator circuit of the 82C85 is designed primarily for use
with an external parallel resonant, fundamental mode crystal
from which the basic operating frequency is derived. The crys-
tal frequency should be selected at three times the required
CPU clock. X1 and X2 are the two crystal input connections.
The output of the oscillator is buffered and available at the
OSC output (pin 18) for generation of other system timing sig-
nals.
For the most stable operation of the oscillator (OSC) output cir-
cuit, two capacitors (C1 = C2) are recommended. Capacitors
C1 and C2 are chosen such that their combined capacitance
matches the load capacitance as specified by the crystal man-
ufacturer. This insures operation within the frequency tolerance
specified by the crystal manufacturer.
The crystal/capacitor configuration and the formula used to
determine the capacitor values are shown in Figure 4. Crystal
Specifications are shown in Table 3.
Frequency Source Selection
The F/C input is a strapping pin that selects either the crystal
oscillator or the EFI input as the source frequency for clock
generation. If the EFI input is selected as the source, the oscil-
lator section (OSC output) can be used independently for
another clock source. If a crystal is not used, then crystal input
X1 (pin 23) must be tied to VCC or GND and X2 (pin 22) should
be left open. If the EFI mode is not used, then EFI (pin 20)
should be tied to VCC or GND.
TABLE 3. CRYSTAL SPECIFICATIONS
PARAMETER
TYPICAL CRYSTAL
SPECIFICATION
Frequency
2.4 to 25MHz
Type of Operation
Parallel Resonant, Fund. Mode
Load Capacitance
20 or 32pF
RSERIES (Max)
35X (f = 25MHz, CL = 32pF)
66X (f = 25MHz, CL = 20pF)
CT
C1 C2
C1 C2
+
---------------------- (Including Stray Capacitance)
=
(EQ. 1)
C1
C2
X2
X1
CRYSTAL
2.4 - 25MHz
FIGURE 4. 82C85 CRYSTAL CONNECTION
FIGURE 5. SLO/FST TIMING OVERVIEW
EFI
OR
OSC
PCLK
SLO/FST
CLK
CLK50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com