Electronic Components Datasheet Search
  English  ▼

X  

SAF784X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAF784X
Description  One chip CD audio device with integrated MP3/WMA decoder
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF784X Datasheet(HTML) 2 Page - NXP Semiconductors

  SAF784X Datasheet HTML 1Page - NXP Semiconductors SAF784X Datasheet HTML 2Page - NXP Semiconductors SAF784X Datasheet HTML 3Page - NXP Semiconductors SAF784X Datasheet HTML 4Page - NXP Semiconductors SAF784X Datasheet HTML 5Page - NXP Semiconductors SAF784X Datasheet HTML 6Page - NXP Semiconductors SAF784X Datasheet HTML 7Page - NXP Semiconductors SAF784X Datasheet HTML 8Page - NXP Semiconductors SAF784X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
SAF784X_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
2 of 93
NXP Semiconductors
SAF784x
One chip CD audio device with integrated MP3/WMA decoder
I Two additional analog audio inputs (AUX_L, AUX_R) to allow the ARM microprocessor
access to external audio signals (e.g. tuner); allows audio algorithms (e.g. bass boost)
to be performed on external audio signals
I Real-time clock operated from separate 32 kHz crystal; allows low-power Standby
mode with real-time clock still operational
I Watchdog timer
I I2S-bus, S/PDIF, subcode (V4) and subcode sync outputs
I 32 GPIOs
I Two standard UART channels
I Two external interrupt pins
I I2C-bus interface configurable for master or slave modes, supporting 100 kbit/s and
400 kbit/s standards
I Slave I2S-bus mode, in which the channel decoder can synchronize the CD playback
speed to an I2S-bus clock input
I Integrated digital HF/Mirror detector with measurement of minimum and maximum
peak values, amplitude and offset
I Integrated CD-text decoder
I Up to 6× decode speed, CLV or CAV modes
I LQFP144 package with 0.5 mm pin pitch
I Separate left and right channel digital silence detection available on KILL pins
I Digital silence detection available on loopback data from external source as well as
internal data
I ‘Filterless’ pseudo bit stream audio DAC with minimal external components
I Stereo line outputs for audio DAC
I Loopback mode allowing the use of integrated DAC with external I2S-bus/EIAJ sources
I Compatible with voltage mode mechanisms
I On-chip buffering and filtering of the diode signals from the mechanism in order to
optimize the signals for the decoder and servo parts
I LF (servo) signals converted to digital representations by Sigma-Delta ADCs shared
between pairs of channels to minimize DC offset between channels
I HF part summed from signals D1 to D4 and converted to digital signals by HF 6-bit
ADC
I Selectable DC offset cancellation of quiescent mechanism voltages and dark currents,
digitally controlled; additional fine DC-offset cancellation in digital domain
I Eye pattern monitor system to observe selectable points within the analog pre-amp
I Current and average jitter values available via registers
I On-chip laser power control, up to maximum currents of 120 mA
I Laser on-off control, including ‘soft’-start control - zero-to-nominal output power in
1ms
I Monitor control and feedback circuit to maintain nominal output power throughout laser
life
I Configured for Nsub (N-substrate) monitor diode
I JTAG interface for device access and ARM code development (compatible with ARM
multi-ICE)
I All digital input pins 5 V tolerant
I Low-latency static memory interface to access a maximum of two 2 MB memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com