Electronic Components Datasheet Search
  English  ▼

X  

SAF784X Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAF784X
Description  One chip CD audio device with integrated MP3/WMA decoder
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF784X Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAF784X Datasheet HTML 8Page - NXP Semiconductors SAF784X Datasheet HTML 9Page - NXP Semiconductors SAF784X Datasheet HTML 10Page - NXP Semiconductors SAF784X Datasheet HTML 11Page - NXP Semiconductors SAF784X Datasheet HTML 12Page - NXP Semiconductors SAF784X Datasheet HTML 13Page - NXP Semiconductors SAF784X Datasheet HTML 14Page - NXP Semiconductors SAF784X Datasheet HTML 15Page - NXP Semiconductors SAF784X Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
SAF784X_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
12 of 93
NXP Semiconductors
SAF784x
One chip CD audio device with integrated MP3/WMA decoder
To help users set up the correct gain and DC offset for each particular mechanism, an eye
pattern monitor facility is included. This consists of a high frequency buffer amplifier
whose input can be selected to monitor various important nodes within the analog RF
path. The monitor point is controlled by register RFControl1[6:4] field RFMONSEL. The
output of the buffer drives HF_MON pin (pin 7). This register also controls the roll-off
frequency of the noise filter which is in front of the 6-bit ADC in the RF path.
Various blocks within the analog RF path can be powered down if required, including the
complete path. These power-down bits are controlled by register RFControl2[5:0].
In addition, the 6-bit RF ADC can be stand-alone tested in application mode, or a separate
external RF path IC can be connected to SAA7834 by selecting bit 1 of register
RFBypassSel. The input for the RF signal is then via pin HF_MON. In this mode the
central diode summing circuit, RF AMP1, high-pass filter and RF AMP2 are all bypassed.
6.2 Analog clock generation
The SAF784x consists of two analog phase-locked loops. The 67 MHz PLL is dedicated to
the channel decoder. The 152 MHz PLL is dedicated to the remaining functionality. The
clock strategy for the SAF784x is intended to address areas that are prone to noise effects
Fig 5.
Analog clock generation
001aag309
CLOCK MULTIPLIER
VARIABLE RATIO
OSC
register CLKGEN
CNTRL[4]
0
1
HF
ADC
AUDIO
DAC
CLOCK MULTIPLIER
8
×
÷ 2
register CLKGEN
CNTRL[5]
register CLKGEN
CNTRL[1]
register CLKGEN
CNTRL[2]
register CLKGEN
CNTRL[3]
0
1
register
AnaClockPLLControl[3]
used for internal test
adac_in_8_clk
used for internal test
sys32k_clk
(real time clock)
micro_clk (152 MHz)
lfadc8m_clk
(digital servo)
pad_clk1v8
(used for
internal test)
register
AnaClockPLLControl[0]
ANALOG to DIGITAL
interface
PADS
pad_clk3v3
0
1
register CLKGEN
CNTRL[0]
0
1
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com