Electronic Components Datasheet Search
  English  ▼

X  

SAF784X Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SAF784X
Description  One chip CD audio device with integrated MP3/WMA decoder
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF784X Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SAF784X Datasheet HTML 24Page - NXP Semiconductors SAF784X Datasheet HTML 25Page - NXP Semiconductors SAF784X Datasheet HTML 26Page - NXP Semiconductors SAF784X Datasheet HTML 27Page - NXP Semiconductors SAF784X Datasheet HTML 28Page - NXP Semiconductors SAF784X Datasheet HTML 29Page - NXP Semiconductors SAF784X Datasheet HTML 30Page - NXP Semiconductors SAF784X Datasheet HTML 31Page - NXP Semiconductors SAF784X Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
SAF784X_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
28 of 93
NXP Semiconductors
SAF784x
One chip CD audio device with integrated MP3/WMA decoder
6.5.5.2
Bit detector
The bit detector block contains the slice-level circuitry, a noise filter to limit HF EFM signal
noise contribution, an equalizer, a zero-transition detector, a run-length push-back circuit,
a digital PLL and jitter measurement logic.
All processing is performed on the bit clock, and bandwidths are proportional to the
channel bit rate. To achieve this, RF data is resampled from the system clock domain to
the bitclk domain by making use of a sample-rate convertor. Blocks can be configured
under microcontroller control and are described in detail in the next paragraphs.
Noise filter: The digital noise filter runs on the channel bit clock frequency fclk(bit)ch. It
limits the bandwidth of the incoming signal to 1
⁄
4 of the channel bit clock frequency.
Passband: 0
× f
clk(bit)ch to 0.22 × fclk(bit)ch (Hz)
Stop-band: (0.28
× f
clk(bit)ch) to (fclk(bit)ch − 0.28 × fclk(bit)ch) (Hz)
Rejection:
−28 dB
Slice-level determination: The slice-level determination circuit compensates for the
incoming signal asymmetry component. Bandwidth of the slice-level determination circuit
is programmable via register SlicerBandwidth. Also the higher bandwidths for use after a
defect (see Section “Defect detector” on page 26) are programmed in this register. The
bandwidth is proportional to the channel bit clock frequency. The slice level, or asymmetry,
can be read back via register SlicerAssym.
Equalizer: In the bit detection circuit, a programmable equalizer is used to boost the high
frequency content of the incoming signal.
The equalizer includes an integral five-tap presentable, asymmetrical equalizer. The
equalizer block diagram is given in Figure 16.
Fig 15. Bit detector block diagram
001aag319
clocked on
PLL clock
multiplex
to demodulator
Meas1
jitter value
from
signal
conditioning
−
PLL frequency
slice level
SRC
NOISE
FILTER
DIGITAL
PLL
RMS
JITTER
MEASUREMENT
RL2
PUSHBACK
DIGITAL
EQUALIZER
SLICE
LEVEL
DETERMINE
ZERO
TRANSITION
DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com