Electronic Components Datasheet Search
  English  ▼

X  

SAF784X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAF784X
Description  One chip CD audio device with integrated MP3/WMA decoder
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF784X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAF784X Datasheet HTML 45Page - NXP Semiconductors SAF784X Datasheet HTML 46Page - NXP Semiconductors SAF784X Datasheet HTML 47Page - NXP Semiconductors SAF784X Datasheet HTML 48Page - NXP Semiconductors SAF784X Datasheet HTML 49Page - NXP Semiconductors SAF784X Datasheet HTML 50Page - NXP Semiconductors SAF784X Datasheet HTML 51Page - NXP Semiconductors SAF784X Datasheet HTML 52Page - NXP Semiconductors SAF784X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
SAF784X_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
49 of 93
NXP Semiconductors
SAF784x
One chip CD audio device with integrated MP3/WMA decoder
Tacho trip frequency: It is possible for the software to be notified with an interrupt when
reaching a specific speed during spin-up or spin-down. This is done by programming the
desired frequency trip point in register TACHO2. When the tacho frequency goes above or
below this trip point, an interrupt gets generated (bit 3 of register InterruptStatus2). Bit 1
(TACHOINTERRUPTSELECT) of register TACHO3 can be set to enable an interrupt to be
generated when the frequency goes above or below the trip point.
6.6 Parallel Digital Servo IC (PDSIC)
The digital servo block design on the SAF784x has evolved from the design used on the
SAA7824 IC, and is referred to as the PDSIC. ‘Parallel’, refers to the microprocessor
interface of the servo block which is now a high speed parallel interface. Previously, it was
a serial interface used on the SAA7824, 3 or 4-wire, I2C-bus. The PDSIC features are
listed below:
• Programmable ADC for CD-RW playback compatibility
• Diode signal processing
• Signal conditioning
• Focus and radial control system
• Access control
• Sledge control
• Shock detector
• Defect detector
• Off-track counting and detection
• Automatic closed-loop gain control available for focus and radial loops
• Hi-level features
• Flexible servo
6.6.1 PDSIC registers and servo RAM control
The servo block is controlled by two parts of the design: the servo control registers which
are used to control the writing of commands and parameters to the servo, and the servo
RAM. The servo RAM has two roles: storage of the servo parameters, and capture of
commands and parameters during the command process.
All of the servo write commands consist of a command byte followed by a number of
parameter bytes (between one and seven), all of which have to be loaded into the PDSIC
using a serial communication interface.
The command byte is the first to be loaded and can be considered as two nibbles. The
upper (most significant) nibble represents the command itself whilst the lower (least
significant) nibble tells the PDSIC how many parameter bytes to expect. The command
byte gets placed into memory location 0x31 (called oldcom).
Subsequently, parameter bytes get loaded sequentially and these get placed into a stack
space that has been reserved within the memory (locations 0x30 down to 0x2B). With
each parameter byte that is loaded, the value in oldcom is decremented so that the byte
count decreases to zero, and the PDSIC knows it has a complete servo command (a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com