Electronic Components Datasheet Search
  English  ▼

X  

SAF784X Datasheet(PDF) 80 Page - NXP Semiconductors

Part # SAF784X
Description  One chip CD audio device with integrated MP3/WMA decoder
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF784X Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SAF784X Datasheet HTML 76Page - NXP Semiconductors SAF784X Datasheet HTML 77Page - NXP Semiconductors SAF784X Datasheet HTML 78Page - NXP Semiconductors SAF784X Datasheet HTML 79Page - NXP Semiconductors SAF784X Datasheet HTML 80Page - NXP Semiconductors SAF784X Datasheet HTML 81Page - NXP Semiconductors SAF784X Datasheet HTML 82Page - NXP Semiconductors SAF784X Datasheet HTML 83Page - NXP Semiconductors SAF784X Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
SAF784X_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
80 of 93
NXP Semiconductors
SAF784x
One chip CD audio device with integrated MP3/WMA decoder
VI(dif)(p-p)
peak-to-peak differential input
voltage
6-bit ADC
1.4
1.4
1.4
V
VI(cm)
common-mode input voltage
6-bit ADC
2
-
-
V
B
bandwidth
up to 6
×
(2 MHz
× X-rate)
12
-
-
MHz
∆td(ϕ)
phase delay time variation
up to 6
× (10 ns / X-rate)
-
-
1.66
ns
S/N
signal-to-noise ratio
100 Hz to 12 MHz
-
-
28
dB
Vi(ADC)se(p-p)
peak-to-peak single-ended ADC
input voltage
at 6 MHz peak-to-peak
-
-
1
V
THD
total harmonic distortion
at 6 MHz
-
-
−35
dB
PSRR
power supply rejection ratio
40
-
-
dB
Gtot
total gain
2.4
-
38.4
dB
Zi
input impedance
nominal
20
20
20
k
Ω
B
bandwidth
−3 dB point
27
-
46
MHz
Audio DAC
Input/Output: DAC_VREF outputs: DAC_LN, DAC_LP, DAC_RN and DAC_RP
S/N
signal-to-noise ratio
A-weighted
-
90
-
dB
THD
total harmonic distortion
at 1 kHz
-
-
−80
dB
Audio feature
Inputs: AUX_L and AUX_R
S/N
signal-to-noise ratio
referenced to LF path
values
-
6065dB
THD
total harmonic distortion
referenced to LF path
values
-
−60
−30
dB
Laser driver
Input: Monitor
Io(MONITOR)
output current on pin MONITOR
120
-
-
mA
tstartup(laser)
laser start-up time
1
-
-
ms
Vn(MONITOR)
noise voltage on pin MONITOR
−1
-
+1
mV
VMONITOR(DC)
DC voltage on pin MONITOR
sel180 = 0
145
-
155
mV
sel180 = 1
175
-
185
mV
IREF reference
Output: OPU_REF_OUT
Vref(bg)
band gap reference voltage
1.14
1.2
1.26
V
IO
output current
20
25
30
µA
Oscillator
Pin: OSCIN (external clock)
VI
input voltage
-
0.5VDDA -V
tiH/T
relative HIGH input time
45
-
55
%
ILI
input leakage current
−20
-
+20
µA
Ci
input capacitance
-
-
7
pF
Table 18.
Characteristics …continued
VDDD = VDDA = 3.0 V to 3.6 V; VDDD(C) = 1.65 V to 1.95 V; Tamb = 25 °C; unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com