Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 2Page - Analog Devices LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
6 of 29
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. DDM8 Package 8-Lead, 3mm × 3mm Plastic Side Wettable DFN. TJMAX = 150°C, JA = 43°C/W. Exposed Pad (Pin 9) PCB
Connection to VSSA is Optional
Figure 4. MS8 Package 8-Lead, Plastic MSOP. TJMAX = 150°C, JA = 163°C/W
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
DDM
Package
Only
Exposed Pad Exposed pad can be left open or connected to the device ground (VSSA).
Pin 1
GATE
GATE Drive Output. The LT4322 controls the gate of an external N-Channel MOSFET to
regulate the ANODE-to-CATHODE voltage drop to 25mV. If a reverse ANODE-to-
CATHODE voltage is detected, a fast pull-down circuit connects GATE to VSSA within
150ns, turning off the MOSFET. If the forward drop voltage exceeds 30mV, a fast pull-
up circuit connects GATE to VDDA within 1µs, turning on the MOSFET hard. Connect to
the gate of the external MOSFET.
Pin 2
VSSA
Device Ground. This is the ground reference for the LT4322. Connect to the source of
the external MOSFET.
Pin 3
ANODE
External MOSFET Source Voltage Kelvin Sense Input. Connect to the source of the
external MOSFET.
Pin 4
VDDA
LDO Supply Voltage Output or Power Supply Input. The LT4322 is powered from the
VDDA pin. The voltage on VDDA sets the maximum GATE drive voltage. When VDDA derives
power from VDDC, a 1µF or larger hold-up capacitor is required to maintain the VDDA
voltage during the portion of the AC waveform when the VDDC voltage is lower than VDDA.
See the VDDA Capacitor Selection section for guidance in selecting the capacitor value.
When powering VDDA directly from a DC power supply, ensure the supply voltage is
1
2
3
4
VSSA
ANODE
VDDA
GATE
8
7
6
5
NC
NC
CATHODE
VDDC
LT4322
(Not to Scale)
TOP VIEW
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com