Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
17 of 29
For applications utilizing a 10nF CG capacitor, locate CG as close as possible to the power MOSFET. Place output bulk
capacitors close to the drains and sources of the power MOSFETs. Use a large power plane to minimize the parasitic
inductance in the CATHODE-to-ANODE circuit pathways of the LT4322s.
For the DFN package, pin spacing may be a concern at voltages greater than 30V. Check the creepage and clearance
guidelines to determine if this is an issue. To increase the effective pin spacing between high voltage and ground
pins, leave the exposed pad connection open. Use no-clean flux to minimize PCB contamination.
Figure 25. Recommended PCB Layout
Reverse Recovery
The LT4322 responds very quickly to reverse bias conditions, minimizing reverse current and reverse charge. The
waveforms in Figure 26 illustrate the reverse recovery time. Initially, the LT4322 is driving the gate of the external
power MOSFET to 12V. The current waveform indicates that 3A is flowing in the forward direction from ANODE to
CATHODE. A controlled change in current is used to force reverse current through the power MOSFET at a rate of
100A/µs. In this example, the LT4322 MOSFET gate is fully turned off 50ns after the reverse current is detected,
resulting in a peak reverse current of -3A. The LT4322 turns off even large MOSFETs within 300ns of a sudden reverse
bias condition.
Figure 26. Reverse Recovery Waveforms
ANODE
CONNECTION
CATHODE
CONNECTION
CVDDA
U1
M1
M2
GATE (5V/DIV)
ANODE (5V/DIV)
LOAD (5V/DIV)
CURRENT (1A/DIV)
50ns/DIV
30V
15V
0V
3A
0A
– A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com