Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
12 of 29
Figure 20. Four-Diode, High-Voltage Full-Bridge Application, 120VRMS, 60Hz
APPLICATIONS INFORMATION
Electronic systems that receive power from an AC power source often employ half-wave rectifier, full-wave rectifier,
or full bridge circuits to convert an AC input current to a DC output current. High-availability systems employ parallel-
connected DC power supplies or battery feeds to achieve redundancy and enhance system reliability. Schottky
diodes are often used in these AC and DC applications. The chief disadvantage of Schottky and rectifier diodes is their
significant forward voltage drop and resulting power and efficiency loss. The LT4322 solves these problems by using
an N-Channel MOSFET as a low-loss pass element to emulate the behavior of a diode. Figure 21 shows the LT4322 in
a half-wave rectifier application.
AC1
VOUT
VTG1
VTG2
VBG1
VBG2
AC2
M1
CVDDA1
22µF
M2
CVDDA2
22µF
M3
CVDDA3
22µF
M4
CVDDA4
22µF
COUT
220µF
CG1
10nF
CG4
10nF
CG3
10nF
CG2
10nF
MBLK1
DN3135
MBLK2
DN3135
MBLK3
DN3135
MBLK4
DN3135
CVDDC1
0.1µF
CVDDC2
0.1µF
D1
D2
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
120VRMS
AC
60Hz
GATE
CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
GATE
CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
GATE
CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
+
–
BSC320N20NS3G ATMA1
BSC320N20NS3G ATMA1
BSC320N20NS3G ATMA1
BSC320N20NS3G ATMA1
0.5A
LOAD
TOP1
BOT1
BOT2
TOP2
DC-DC
CONVERTER
15V
VIN
+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com