Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices LTC4359 Datasheet HTML 23Page - Analog Devices LTC4359 Datasheet HTML 24Page - Analog Devices LTC4359 Datasheet HTML 25Page - Analog Devices LTC4359 Datasheet HTML 26Page - Analog Devices LTC4359 Datasheet HTML 27Page - Analog Devices LTC4359 Datasheet HTML 28Page - Analog Devices LTC4359 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
26 of 29
OUTLINE DIMENSIONS
Figure 37. 8-Lead, 3mm x 3mm, Side Wettable DFN
3.00 ±0.10
(4 SIDES)
0.75 ±0.05
PIN 1
TOP MARK
(SEE NOTE 5)
0.200 REF
0 00 – 0 0
0.25 ±0.05
2.38 ±0.05
(2 SIDES)
1.50 REF
0.275 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.10 ±0.05
0.70 ±0.05
3.50 ±0.05
PACKAGE
OUTLINE
0.50 BSC
DDM Package
8-Lead Plastic Side Wettable DFN (3mm × 3mm)
(Reference LTC DWG # 05-08-7009 Rev Ø)
NOTE:
1. DRAWING NOT TO SCALE
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.203 REF
TERMINAL THICKNESS
TERMINAL LENGTH
0.40 ± 0.10
0.05 REF
PLATED AREA
DETAIL A
0.10 REF
0.40 ±0.10
W—
DETAIL A
1.65 ±0.10
(2 SIDES)
R = 0.05
TYP
2.38 ±0.10
(2 SIDES)
1
4
8
5
(DDM) DFN REV Ø 0620
0.25 ±0.05
0.50 BSC
PIN 1 NOTCH
R = 0.18 × 45°
CHAMFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com