Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices LTC4359 Datasheet HTML 23Page - Analog Devices LTC4359 Datasheet HTML 24Page - Analog Devices LTC4359 Datasheet HTML 25Page - Analog Devices LTC4359 Datasheet HTML 26Page - Analog Devices LTC4359 Datasheet HTML 27Page - Analog Devices LTC4359 Datasheet HTML 28Page - Analog Devices LTC4359 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
28 of 29
ORDERING GUIDE
Table 4. Ordering Guide
TUBE
TAPE AND REEL
PART
MARKING
PACKAGE DESCRIPTION
TEMPERATURE
RANGE
LT4322RDDM#PBF
LT4322RDDM#TRPBF
LHPK
8-Lead, (3mm × 3mm) Plastic
DFN
–40°C to 150°C
LT4322RMS8#PBF
LT4322RMS8#TRPBF
LTHPM
8-Lead, Plastic MSOP
–40°C to 150°C
For more information on tape and reel specifications, go to: http://www.adi.com/tapeandreel/
RELATED PARTS
Table 5. Related Parts
Part Number
Description
Comments
LT4320/LT4320 -1
Ideal Diode Bridge Controller
Controls N-Channel MOSFETs, 9V to 72V Operation,
DC to 600Hz
LTC4353
Dual Low Voltage Ideal Diode
Controller
Controls Two N-Channel MOSFETs, 0V to 18V
Operation
LTC4355
Positive Voltage Diode-OR
Controller
and Monitor
Controls Two N-Channel MOSFETs, 0.4μs Turn-Off,
80V Operation
LTC4357
Positive High Voltage Ideal Diode
Controller
Controls Single N-Channel MOSFET, 0.5μs Turn-Off,
80V Operation
LTC4358
5A Ideal Diode
Internal N-Channel MOSFET, 9V to 26.5V Operation
LTC4359
Ideal Diode Controller with Reverse
Input Protection
Controls N-Channel MOSFET, 4V to 80V Operation, –
40V Reverse Input
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, –40V Reverse Input, –20V
Reverse Output
LTC4371
Dual Negative Voltage Ideal Diode-
OR Controller and Monitor
Controls Two MOSFETs, 220ns Turn-Off, Withstands
> ±300V Transients
LTC4376
7A Ideal Diode Controller with
Reverse Input Protection
Internal N-Channel MOSFET, 4V to 40V Operation, –
40V Reverse Input
LT8672
Active Rectifier Controller with
Reverse Protection
3V to 40V Operation, -40V Reverse Input, Rectifies
6VP-P to 50kHz, 2VP-P to 100kHz, 20µA Operating
Current, 3.5µA Shutdown Current
EVALUATION BOARDS
Table 6. Evaluation Boards
Model
Description
DC3117A
Half-Wave Active Rectifier Evaluation Board
DC3137A
Full-Wave Active Rectifier Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com