Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
7 of 29
always between 9V and 14V with respect to VSSA and connect a 1µF or larger ceramic
bypass capacitor from VDDA to VSSA.
Pin 5
VDDC
Input Supply to LDO. This is the input supply voltage to the LDO. It replenishes the
external VDDA hold-up capacitor when the VDDC voltage is higher than the VDDA voltage.
Connect to the drain of the external MOSFET for VDDCto VSSA voltages less than or equal
to 60V. For higher VDDC voltages, an external high-voltage depletion MOSFET is
required. See the Operation at Voltages Above 60V section for details. If VDDA is powered
directly with a DC power supply, connect VDDC to VSSA.
Pin 8
CATHODE
External MOSFET Drain Voltage Kelvin Sense Input. CATHODE is the sense pin
connection to the CATHODE end of the ideal diode circuit. The voltage sensed at this
pin with respect to ANODE is used to control the MOSFET gate for forward voltage
regulation and reverse current turn-off. Connect to the drain of the N-Channel power
MOSFET for CATHODE to VSSA voltages less than or equal to 60V. For higher CATHODE
voltages, an external high-voltage MOSFET is required. See the Operation at Voltages
Above 60V section for details.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 5. VDDA Input Supply Current vs. Temperature
Figure 6. VDDA LDO Start-Up and Gulp Current vs.
Temperature
VCATHODE – m
VCATHODE = 24V
VDDA = 12V, VDDC = 0V
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ISTART
IGULP
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
0
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com