Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
8 of 29
Figure 7. CATHODE Current vs. Negative Voltage
Figure 8. Forward Regulation Input Bias Current vs.
Temperature
Figure 9. CATHODE Current vs. Positive Voltage
Figure 10. ANODE–CATHODE Regulation Voltage vs.
Temperature
Figure 11. VDDA Dropout Voltage vs. Temperature
Figure 12. VDDA Peak Regulation Voltage vs. Temperature
+150°C
+25°C
– 0°
CATHODE VOLTAGE (mV)
0
– 00
– 00
– 00
– 00
– 00
–
– 0
– 00
– 000
IANODE
ICATHODE
GATE = 4V, IGATE = 0
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
0
– 0
– 0
– 0
– 0
– 0 0
+150°C
+25°C
– 0°
CATHODE VOLTAGE (V)
0
20
40
60
10
20
30
40
VGATE = 4V, VVDDA = 12V
VGATE = 3V, VVDDA = 9V
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
20
22
24
26
28
30
IVDDA – mA
IVDDA – mA
IVDDA – mA
IVDDA = 0mA
VDDC = 11V
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
0
200
400
600
800
1000
VVDDC = 24V
VVDDC = 60V
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
12.00
12.25
12.50
12.75
13.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com