Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
9 of 29
Figure 13. GATE Rise Time vs. GATE Capacitance
Figure 14. GATE Rising Propagation Delay vs. GATE
Capacitance
Figure 15. GATE Fall Time vs. Temperature
Figure 16. GATE Falling Propagation Delay vs. GATE
Capacitance
Figure 17. VDDA Voltage Waveform
– 0°
+25°C
+150°C
GATE CAPACITANCE, CGATE (nF)
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
1400
– 0°
+25°C
+150°C
GATE CAPACITANCE, CGATE (nF)
0.01
0.1
1
10
100
1000
0
400
800
1200
1600
CGATE = 100nF
CGATE = 10nF
TEMPERATURE (°C)
– 0
–
0
25
50
75
100
125
150
0
40
80
120
160
200
– 0°
+25°C
+150°C
GATE CAPACITANCE, CGATE (nF)
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
VDDA
200mV/DIV
12V
5ms/DIV
VDDC = 15V
CVDDA = 22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com