Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4359
Description  Floating, High-Voltage Active Rectifier Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices LTC4359 Datasheet HTML 23Page - Analog Devices LTC4359 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
LT4322
analog.com
Rev. 0
20 of 29
Very High Input Reverse Voltage Blocking
The LT4322 can withstand reverse battery voltages on its VSSA input due to its floating architecture, as long as the
CATHODE and VDDC pin voltages never exceed 60V with respect to VSSA. For example, in Figure 31, the VIN1 and VIN2
inputs can be safely connected to reverse voltages as high as (VOUT – 60V). The use of a high-voltage depletion MOSFET
to protect CATHODE, as shown in Figure 23, along with an appropriately rated power MOSFET, extends the maximum
tolerable reverse voltage rating to the BVDSS ratings of the MOSFETs. This feature is especially useful in high-voltage
DC diode-OR applications; if a high-voltage battery is plugged in backwards, no damage is done to the system, and
the diode-OR output voltage is not perturbed.
TYPICAL APPLICATIONS
Figure 30. DC Diode-OR Application Circuit: Flyback Circuitry Provides Refresh Power to Floating-Ideal Diode Architecture
VIN1
VOUT
VIN2
SW
RFB
M1
BUK7M15-60EX
CVDDA1
4.7µF
M2
BUK7M15-60EX
CVDDA2
4.7µF
R1
1 kΩ
D1
MBRS360
22µF
C3
D2
1N4148
D3
MMSZ5252BT1G
T1
SUMIDA
12387-T041
CG1
10nF
CG2
10nF
COUT
300µF
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
GATE CATHODE
VSSA
VDDA
VDDC
ANODE
LT4322
SW
VIN
EN/UVLO
RFB
LT3001
GND
4V TO 32V
4V TO 32V
NEGATIVE VOLTAGE PROTECTION
VIN(NEG) = VOUT +
– 0
3A
LOAD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com