Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 32Page - Renesas Technology Corp DA7219 Datasheet HTML 33Page - Renesas Technology Corp DA7219 Datasheet HTML 34Page - Renesas Technology Corp DA7219 Datasheet HTML 35Page - Renesas Technology Corp DA7219 Datasheet HTML 36Page - Renesas Technology Corp DA7219 Datasheet HTML 37Page - Renesas Technology Corp DA7219 Datasheet HTML 38Page - Renesas Technology Corp DA7219 Datasheet HTML 39Page - Renesas Technology Corp DA7219 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
36 of 128
© 2021 Renesas Electronics
alc_en control. The ALC monitors the digital signal after the ADC and adjusts the microphones’
analog and digital gain to maintain a constant recording level, whatever the analog input signal level.
Operation of ALC is illustrated in Figure 10. When the input signal volume is high, the ALC system
will reduce the overall gain until the output volume is below the specified maximum value. When the
input signal volume is low, the ALC will increase the gain until the output volume increases above the
specified minimum value. If the output signal is within the desired signal range (between the specified
minimum and maximum levels), the ALC does nothing.
The maximum and the minimum thresholds that trigger a gain change of the ALC are configured via
the alc_threshold_min and alc_threshold_max controls.
ALC Input
ALC Gain
ALC Output
Release time
Attack time
Figure 10: ALC Principle of Operation
The ALC can operate in two modes; Digital-Only mode and Hybrid (combined analog and digital
gain) mode.
In Digital-Only mode only the digital gain in the ADC is altered. Although the ALC is controlling the
gain, it does not modify adc_l_digital_gain in the ADC_L_GAIN register. This register is ignored while
the ALC is in operation. The minimum and maximum levels of digital gain that can be applied by the
ALC are controlled using alc_atten_max and alc_gain_max.
The hybrid analog/digital gain mode (Hybrid mode) can be enabled using alc_sync_mode.
In Hybrid mode, the total gain is made up of an analog gain, which is applied to the microphone
amplifier, and a digital gain, which is implemented in the filtering stage. The ALC block monitors and
controls the gain of the microphone and the ADC.
Hybrid mode offers improved performance and signal tracking over Digital-Only mode. When using
the automatic level control (ALC) in Hybrid mode the DC offset between the digital and analog PGAs
must be cancelled, see Appendix A.2.
Although the ALC is controlling the gain, it does not modify any of the registers MIXIN_L_GAIN or
ADC_L_GAIN, nor does it modify the digital gain register ADC_L_GAIN. These registers are ignored
while the ALC is in operation.
Similarly the minimum and maximum levels of analog gain are controlled by alc_ana_gain_min and
alc_ana_gain_max. The rates at which the gain is changed are defined by the attack and decay rates
in register ALC_CTRL2. When attacking, the gain decreases with alc_attack rate. When decaying,
the gain increases with alc_release rate.
The hold-time is defined by alc_hold in the ALC_CTRL3 register. This controls the length of time that
the system maintains the current gain level before starting to decay. This prevents unwanted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com