Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 86Page - Renesas Technology Corp DA7219 Datasheet HTML 87Page - Renesas Technology Corp DA7219 Datasheet HTML 88Page - Renesas Technology Corp DA7219 Datasheet HTML 89Page - Renesas Technology Corp DA7219 Datasheet HTML 90Page - Renesas Technology Corp DA7219 Datasheet HTML 91Page - Renesas Technology Corp DA7219 Datasheet HTML 92Page - Renesas Technology Corp DA7219 Datasheet HTML 93Page - Renesas Technology Corp DA7219 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
90 of 128
© 2021 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
5
R/W
adc_l_ramp_en
ADC_L digital gain ramping control
0 = Gain changes are instant
1 = Gain changes are ramped to the new level
0x0
Table 101: DAC_L_CTRL (Page 0: 0x00000069)
Bit
Mode
Symbol
Description
Reset
7
R/W
dac_l_en
DAC_L control
0 = DAC_L disabled
1 = DAC_L enabled
0x0
6
R/W
dac_l_mute_en
DAC_L mute control
0 = DAC_L unmuted
1 = DAC_L muted
0x1
5
R/W
dac_l_ramp_en
DAC_L digital gain ramping control
0 = Gain changes are instant
1 = Gain changes are ramped to the new level
0x0
Table 102: DAC_R_CTRL (Page 0: 0x0000006A)
Bit
Mode
Symbol
Description
Reset
7
R/W
dac_r_en
DAC_R control
0 = DAC_R disabled
1 = DAC_R enabled
0x0
6
R/W
dac_r_mute_en
DAC_R mute control
0 = DAC_R unmuted
1 = DAC_R muted
0x1
5
R/W
dac_r_ramp_en
DAC_R digital gain ramping control
0 = Gain changes are instant
1 = Gain changes are ramped to the new level
0x0
Table 103: HP_L_CTRL (Page 0: 0x0000006B)
Bit
Mode
Symbol
Description
Reset
7
R/W
hp_l_amp_en
HP_L_AMP amplifier control
0 = HP_L_AMP disabled
1 = HP_L_AMP enabled
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com