Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 53Page - Renesas Technology Corp DA7219 Datasheet HTML 54Page - Renesas Technology Corp DA7219 Datasheet HTML 55Page - Renesas Technology Corp DA7219 Datasheet HTML 56Page - Renesas Technology Corp DA7219 Datasheet HTML 57Page - Renesas Technology Corp DA7219 Datasheet HTML 58Page - Renesas Technology Corp DA7219 Datasheet HTML 59Page - Renesas Technology Corp DA7219 Datasheet HTML 60Page - Renesas Technology Corp DA7219 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
57 of 128
© 2021 Renesas Electronics
11.6.5
Example Calculation of the Feedback Divider Setting
A codec is operating with Fs (sample rate) = 48 kHz and a reference input clock frequency of
12.288 MHz. The required output frequency = 98.304 MHz.
The reference clock input = 12.288 MHz, which falls in the range 10 MHz to 20 MHz, so pll_indiv will
be set to 0b010 (dividing the reference input frequency by four, see Table 43.
The formula for calculating the feedback divider is:
Feedback divider (F) = (VCO output frequency * input divider (pll_indiv)) / reference input clock
Feedback divider = (98.304 * 4) / 12.288 = 32
So
● pll_fbdiv_integer (holding the seven integer bits) = 0x20
● pll_fbdiv_frac_top (holding the top bits (MSB) of the fractional part of the divisor) = 0x00
● pll_fbdiv_frac_bot (holding the bottom bits (LSB) of the fractional part of the divisor) = 0x00
Table 44 shows example register settings that will configure the PLL when using a 13 MHz, 15 MHz
or 19.2 MHz clock. Any MCLK input frequency between 2 MHz and 54 MHz is supported. pll_indiv
must be used to reduce the PLL reference frequency to the usable range of 2 MHz to 5 MHz as
shown in Table 43.
Table 44: Example PLL Configurations
MCLK input
frequency (MHz)
System clock
frequency (MHz)
pll_mode
register
PLL_FRAC_TOP
register
PLL_FRAC_BOT
register
13
11.2896
0x01
0x19
0x45
13
12.288
0x01
0x07
0xEA
15
11.2896
0x01
0x02
0xB4
15
12.288
0x01
0x06
0xDC
19.2
11.2896
0x01
0x1A
0x1C
19.2
12.288
0x01
0x0F
0x5C
11.6.6
PLL SRM Mode (DAI Slave)
SRM mode enables the PLL output clock to be synchronized to the incoming WCLK signal on the
DAI. The SRM PLL mode is enabled by setting pll_mode = 10.
When using the DAI in slave mode with the SRM enabled, removing and re-applying the DAI
interface word clock WCLK may cause the PLL lock to be lost. To re-lock the PLL it is recommended
that you disable the SRM (pll_mode = 00), reset the PLL by re-writing to register PLL_INTEGER, and
then re-enable the SRM (pll_mode = 10) after the DAI WCLK has been reapplied.
When switching sample rates between 44.1 kHz and 48 kHz (or between the multiples of these
sample rates), SRM must be disabled and then re-enabled using register bit pll_mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com