Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 61Page - Renesas Technology Corp DA7219 Datasheet HTML 62Page - Renesas Technology Corp DA7219 Datasheet HTML 63Page - Renesas Technology Corp DA7219 Datasheet HTML 64Page - Renesas Technology Corp DA7219 Datasheet HTML 65Page - Renesas Technology Corp DA7219 Datasheet HTML 66Page - Renesas Technology Corp DA7219 Datasheet HTML 67Page - Renesas Technology Corp DA7219 Datasheet HTML 68Page - Renesas Technology Corp DA7219 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
65 of 128
© 2021 Renesas Electronics
12 Register Definitions
Table 47: Register map accdet_cad_00 page 0
Address
Name
7
6
5
4
3
2
1
0
Register Page 0
0x000000C0
ACCDET_STAT
US_A
Reserved
micbias_up_
sts
jack_pin_order
_sts
jack_type_st
s
jack_insertio
n_sts
0x000000C1
ACCDET_STAT
US_B
button_type_sts
0x000000C2
ACCDET_IRQ_
EVENT_A
Reserved
e_jack_detect_
complete
e_jack_remo
ved
e_jack_insert
ed
0x000000C3
ACCDET_IRQ_
EVENT_B
e_button_a_r
eleased
e_button_b_r
eleased
e_button_c_r
eleased
e_button_d_r
eleased
e_button_d_
pressed
e_button_c_pre
ssed
e_button_b_
pressed
e_button_a_
pressed
0x000000C4
ACCDET_IRQ_
MASK_A
Reserved
m_jack_detect_
complete
m_jack_remo
ved
m_jack_inser
ted
0x000000C5
ACCDET_IRQ_
MASK_B
m_button_a_r
eleased
m_button_b_r
eleased
m_button_c_r
eleased
m_button_d_r
eleased
m_button_d_
pressed
m_button_c_pr
essed
m_button_b_
pressed
m_button_a_
pressed
0x000000C6
ACCDET_CON
FIG_1
pin_order_det
_en
jack_type_det
_en
mic_det_thresh
button_config
accdet_en
0x000000C7
ACCDET_CON
FIG_2
jackdet_rem_deb
jack_detect_rate
jackdet_debounce
accdet_paus
e
0x000000C8
ACCDET_CON
FIG_3
A_D_BUTTON_THRESH
0x000000C9
ACCDET_CON
FIG_4
D_B_BUTTON_THRESH
0x000000CA
ACCDET_CON
FIG_5
B_C_BUTTON_THRESH
0x000000CB
ACCDET_CON
FIG_6
C_MIC_BUTTON_THRESH
0x000000CC
ACCDET_CON
FIG_7
Reserved
jack_type_for
ce
pin_order_for
ce
adc_1_bit_repeat
button_average
0x000000CD
ACCDET_CON
FIG_8
Reserved
hptest_comp
Reserved
hptest_res_sel
hptest_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com