Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 82Page - Renesas Technology Corp DA7219 Datasheet HTML 83Page - Renesas Technology Corp DA7219 Datasheet HTML 84Page - Renesas Technology Corp DA7219 Datasheet HTML 85Page - Renesas Technology Corp DA7219 Datasheet HTML 86Page - Renesas Technology Corp DA7219 Datasheet HTML 87Page - Renesas Technology Corp DA7219 Datasheet HTML 88Page - Renesas Technology Corp DA7219 Datasheet HTML 89Page - Renesas Technology Corp DA7219 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
86 of 128
© 2021 Renesas Electronics
Table 89: ADC_L_GAIN (Page 0: 0x00000036)
Bit
Mode
Symbol
Description
Reset
6:0
R/W
adc_l_digital_gain
ADC_L digital gain control
00x0 = -83.25 dB
0x01 = -82.5 dB
then continuing in 0.75 dB steps through
0x6F = 0 dB
to...
0x7E = 11.25 dB
0x7F = 12 dB
0x6F
Table 90: MIC_1_GAIN (Page 0: 0x00000039)
Bit
Mode
Symbol
Description
Reset
2:0
R/W
mic_1_amp_gain
mic_1_amp gain control
000 = -6 dB
001 = 0 dB
010 = 6 dB
011 = 12 dB
100 = 18 dB
101 = 24 dB
110 = 30 dB
111 = 36 dB
0x1
Table 91: DAC_L_GAIN (Page 0: 0x00000045)
Bit
Mode
Symbol
Description
Reset
6:0
R/W
dac_l_digital_gain
DAC_L digital gain control
0x00 to 0x07 = mute
0x08 = -77.25 dB
0x09 = -76.5 dB
then continuing in 0.75 dB steps through
0x6F = 0 dB
to...
0x7E = 11.25 dB
0x7F = 12 dB
0x6F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com