Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 45Page - Renesas Technology Corp DA7219 Datasheet HTML 46Page - Renesas Technology Corp DA7219 Datasheet HTML 47Page - Renesas Technology Corp DA7219 Datasheet HTML 48Page - Renesas Technology Corp DA7219 Datasheet HTML 49Page - Renesas Technology Corp DA7219 Datasheet HTML 50Page - Renesas Technology Corp DA7219 Datasheet HTML 51Page - Renesas Technology Corp DA7219 Datasheet HTML 52Page - Renesas Technology Corp DA7219 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
49 of 128
© 2021 Renesas Electronics
Table 34: DA7219 Advanced Accessory Detection Feature Summary
Feature
DA7219
support
Configuration
Host Reporting
Jack
Insertion/Removal
Detection
Yes
Enabled when system_active and
accdet_en are both 1.
Jack insertion latency set by
jackdet_debounce
(1 ms <--> 1 s).
Host notifiaction via
e_jack_inserted and
e_jack_removed IRQ events.
Jack Type
Detection
Yes - 3-pole / 4-
pole
Jack type detection runs on
insertion, duration set by
jack_detect_rate. Host configurable
microphone detection impendance
threshold mic_det_thresh (100, 200,
500, 750
Ω). Optional host manual
type override provided.
Host notification via
e_jack_detect_complete IRQ
event. jack_type_sts register
available for host readback ( 3-
pole or 4-pole reported), data
is qualified by
e_jack_detect_complete
Pin Order
Detection
Yes -
CTIA/OMTP
Detection with GND switching runs
on insertion if a 4-pole jack is
detected. Optional host manual pin
order override provided.
Host notification via
e_jack_detect_complete IRQ
event. register available for
host readback (LRGM or
LRMG reported ), data is
qualified by
e_jack_detect_complete.
Button Press
Detection
Yes - press /
release detection
for A,B,C and D
button
impedances with
+/- 1 % accuracy,
as per Google
Chromebook
Headset
Accessory
Electrical
Specification.
Button detection enable and
frequency (2 ms<--> 500 ms) set by
button_config. Host controlled
A_D_BUTTON_THRESH,
D_B_BUTTON_THRESH,
B_C_BUTTON_THRESH, and
C_MIC_BUTTON_THRESH set the
ADC voltage thresholds for button
press impedance measurements
= (RLOAD / (RLOAD + RMICBIAS))
Host notification via
e_button_*_pressed and
e_button_*_released IRQ
events, (where * = a/b/c/d).
button_type_sts 8-bit ADC
measurement result also
available for host readback.
Interrupt Reporting
Yes - single
dedicated h/w
interrupt line.
All events are maskable and are
'Write 1 to clear'.
Interrupt line asserted to host
when any unmasked events are
captured. Interrupt line is de-
asserted when all unmasked
events have been cleared by
host.
MICBIAS Isolation
Yes - both on
insertion and
removal.
Host control when the MICBIAS rail
can be enabled (requires VDD_MIC) with
micbias1_en. AAD will automatically
enable the MICBIAS LDO following
e_jack_detect_complete if
jack_type_sts reports 4-pole.
MICBIAS is auto-disabled, discharged
and isolated on e_jack_removed to
prevent audible artefacts on HPs
during a fast jack removal.
micbias_up_sts available for
host readback to report
MICBIAS rail is up.
HP_L Impedance
Measurement
Yes - supported
by DA7219 using
s/w controlled
sequence
following insertion.
N/A
N/A
HP_L / HP_R to
GND when Device
Unpowered
Yes - supported
by DA7219 using
pulldown on HPs.
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com