Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 36Page - Renesas Technology Corp DA7219 Datasheet HTML 37Page - Renesas Technology Corp DA7219 Datasheet HTML 38Page - Renesas Technology Corp DA7219 Datasheet HTML 39Page - Renesas Technology Corp DA7219 Datasheet HTML 40Page - Renesas Technology Corp DA7219 Datasheet HTML 41Page - Renesas Technology Corp DA7219 Datasheet HTML 42Page - Renesas Technology Corp DA7219 Datasheet HTML 43Page - Renesas Technology Corp DA7219 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
40 of 128
© 2021 Renesas Electronics
11.3.6
Output Processing
11.3.6.1
DAC Digital Gain
Each channel includes individual gain settings that are configurable in 0.75 dB steps ranging from -
78 dB (= mute) to 12 dB using dac_l_digital_gain and dac_r_digital_gain. The currently active gain
settings are stored in DAC_L_GAIN_STATUS and DAC_R_GAIN_STATUS registers.
11.3.6.2
High-Pass Filter
Any DC offset from the input path is removed via IIR configurable HPFs (typically < 2 Hz roll-off).
After reset the filters for both channels are enabled by default, but can be disabled by clearing
dac_hpf_en. The cutoff frequency of the filters can be programmed using dac_audio_hpf_corner.
During playback, dedicated voiceband filtering can be enabled using dac_voice_en in the
DAC_FILTERS1 register. In DAC voice mode, dac_voice_en must = 1 and dac_hpf_en must = 1 in
which case the HPF corner frequency is set using dac_voice_hpf_corner.
The low frequency roll off is configured over a wide range using the dac_voice_hpf_corner control.
In voice mode, the wind noise HPF cutoff frequency is determined by the settings of the
adc_voice_hpf_corner and the dac_voice_hpf_corner register bits, These cutoff frequencies are not
fixed and vary with the sample rate being used. Table 29 shows the cutoff frequencies for all valid
settings of adc_voice_hpf_corner and dac_voice_hpf_corner, at all sample rates of 16 kHz and
below.
Table 29: Output HPF Settings
SR Sample Rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
0
00
0.33
0.46
0.5
0.67
0.92
1
1.33
1.84
2
3.68
4
01
0.67
0.92
1
1.33
1.84
2
2.67
3.68
4
7.35
8
10
1.33
1.84
2
2.67
3.68
4
5.33
7.35
8
14.7
16
11
2.67
3.68
4
5.33
7.35
8
10.6
7
14.7
16
29.4
32
1
000
2.5
3.45
3.75
5
Voice HPF not available for sample rates above
16 kHz.
001
25
34.5
37.5
50
010
50
68.9
75
100
011
100
137.8
150
200
100
150
206.7
225
300
101
200
275.6
300
400
110
300
413.4
450
600
111
400
551.3
600
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com