Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 57Page - Renesas Technology Corp DA7219 Datasheet HTML 58Page - Renesas Technology Corp DA7219 Datasheet HTML 59Page - Renesas Technology Corp DA7219 Datasheet HTML 60Page - Renesas Technology Corp DA7219 Datasheet HTML 61Page - Renesas Technology Corp DA7219 Datasheet HTML 62Page - Renesas Technology Corp DA7219 Datasheet HTML 63Page - Renesas Technology Corp DA7219 Datasheet HTML 64Page - Renesas Technology Corp DA7219 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
61 of 128
© 2021 Renesas Electronics
pointer to the next I2C address, stores the received data and sends an Acknowledge until the master
sends the STOP condition.
S SLAVEaddr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 27: I2C Page Write (SDA line)
An alternative Repeated-Write mode that uses non-consecutive slave register addresses is available
using the cif_i2c_write_mode register. In this Repeat Mode (cif_i2c_write_mode = 1), the slave can
be configured to support a host’s repeated write operations into several non-consecutive registers.
Data is stored at the previously received register address. If a new START or STOP condition occurs
within a message, the bus returns to Idle mode. This is illustrated in Figure 28.
S SLAVEaddr W A
REG addr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REG addr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 28: I2C Repeated Write (SDA line)
In Page mode (cif_i2c_write_mode = 0), both Page mode reads and writes using auto-incremented
addresses, and Repeat mode reads and writes using non auto-incremented addresses, are
supported. In Repeat mode (cif_i2c_write_mode = 1) however, only Repeat mode reads and writes
are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com