Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 17Page - Renesas Technology Corp DA7219 Datasheet HTML 18Page - Renesas Technology Corp DA7219 Datasheet HTML 19Page - Renesas Technology Corp DA7219 Datasheet HTML 20Page - Renesas Technology Corp DA7219 Datasheet HTML 21Page - Renesas Technology Corp DA7219 Datasheet HTML 22Page - Renesas Technology Corp DA7219 Datasheet HTML 23Page - Renesas Technology Corp DA7219 Datasheet HTML 24Page - Renesas Technology Corp DA7219 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
21 of 128
© 2021 Renesas Electronics
8
Electrical Characteristics
Unless otherwise stated, test conditions are as follows: VDD = VDD_IO = 1.8 V, VDD_MIC = 3.3 V, MCLK =
12.288 MHz, SR = 48 kHz, PLL = Bypass mode, Ta = 25 ºC.
Table 5: Power Consumption
Description
Conditions
Min
Typ
Max
Unit
DEEP SLEEP mode
4
10
µA
SLEEP mode
AAD on without button
detection
185
µA
Digital playback to headphone, no load
DAC to HP_L/R, quiescent
3.4
mW
Digital playback to headphone, with load
DAC to HP_L/R, 16
Ω load,
0.1 mW at 0 dBFS
7.5
mW
Microphone stereo record
MIC P/N to ADCL/R
2.75
mW
Microphone stereo record and digital
playback to headphone, no load
MIC P/N to ADCL/R and
DACL/R to HP_L/R,
quiescent
4.8
mW
Microphone stereo record and digital
playback to headphone, with load
MIC P/N to ADCL/R and
DACL/R to HP_L/R, 16
Ω
load, 0.1 mW at 0 dBFS
8.9
mW
Table 6: Microphone Bias
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMICBIAS
Output voltage
No load, VDD_MIC > VMICBIAS +
200 mV
Level programmable using
micbias1_level
1.6
2.9
V
IBIAS
Output current
Output voltage droop < 50 mV
2
mA
PSRR
Power supply rejection
ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
70
50
dB
VNO
Output voltage noise
VMICBIAS
≤ 2.2 V
5
µVRMS
Table 7: Microphone Amplifier
Parameter
Description
Conditions
Min
Typ
Max
Unit
Full-scale input signal
0 dB, singled-ended
0 dB gain, differential
0.8*VDD
1.6*VDD
VPP
Input resistance
12
15
18
kΩ
Programmable gain
−6
36
dB
Gain step size
6
dB
Absolute gain accuracy
0 dB @ 1 kHz
-1.0
1.0
dB
Gain step error
20 Hz to 20 kHz
-0.1
0.1
dB
VNI
Input noise level
Inputs connected to GND,
24 dB gain, input-referred,
A-weighted
5
µVRMS
Amplitude ripple
20 Hz to 20 kHz
-0.5
0.5
dB
PSRR
Power supply rejection
ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
90
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com