Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7219
Description  Audio Codec with Advanced Accessory Detect
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7219 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7219 Datasheet HTML 93Page - Renesas Technology Corp DA7219 Datasheet HTML 94Page - Renesas Technology Corp DA7219 Datasheet HTML 95Page - Renesas Technology Corp DA7219 Datasheet HTML 96Page - Renesas Technology Corp DA7219 Datasheet HTML 97Page - Renesas Technology Corp DA7219 Datasheet HTML 98Page - Renesas Technology Corp DA7219 Datasheet HTML 99Page - Renesas Technology Corp DA7219 Datasheet HTML 100Page - Renesas Technology Corp DA7219 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 129 page
background image
DA7219
Audio Codec with Advanced Accessory Detect
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
97 of 128
© 2021 Renesas Electronics
Table 121: CHIP_ID1 (Page 0: 0x00000081)
Bit
Mode
Symbol
Description
Reset
7:0
R
chip_id1
First two digits of the four-digit Chip ID
The last two numbers of the Chip ID are held in
chip_id2
0x23
Table 122: CHIP_ID2 (Page 0: 0x00000082)
Bit
Mode
Symbol
Description
Reset
7:0
R
chip_id2
Last two digits of the four-digit Chip ID
The first two numbers of the Chip ID are held in
chip_id1
0x93
Table 123: CHIP_REVISION (Page 0: 0x00000083)
Bit
Mode
Symbol
Description
Reset
7:4
R
chip_major
Chip major revision
0x0
3:0
R
chip_minor
Chip minor revision
0x2
Table 124: Register map dac_filters_cad_00 page 0
Address
Name
7
6
5
4
3
2
1
0
Register Page 0
0x00000040
DAC_FILTERS5
dac_softmute_en
dac_softmute_rate
Reserved
0x00000041
DAC_FILTERS2
dac_eq_band2
dac_eq_band1
0x00000042
DAC_FILTERS3
dac_eq_band4
dac_eq_band3
0x00000043
DAC_FILTERS4
dac_eq_en
Reserved
dac_eq_band5
0x00000044
DAC_FILTERS1
dac_hpf_en
Reserved
dac_audio_hpf_corner
dac_voice_en
dac_voice_hpf_corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com