Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9259 Datasheet HTML 31Page - Analog Devices AD9259 Datasheet HTML 32Page - Analog Devices AD9259 Datasheet HTML 33Page - Analog Devices AD9259 Datasheet HTML 34Page - Analog Devices AD9259 Datasheet HTML 35Page - Analog Devices AD9259 Datasheet HTML 36Page - Analog Devices AD9259 Datasheet HTML 37Page - Analog Devices AD9259 Datasheet HTML 38Page - Analog Devices AD9259 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AD9259
Rev. 0 | Page 35 of 52
DEFAULT OPERATION AND JUMPER SELECTION
SETTINGS
The following is a list of the default and optional settings or
modes allowed on the AD9259 Rev. A evaluation board.
•
POWER: Connect the switching power supply that is
supplied in the evaluation kit between a rated 100 V ac
to 240 V ac wall outlet at 47 Hz to 63 Hz and P503.
•
AIN: The evaluation board is set up for a transformer-
coupled analog input with optimum 50 Ω impedance
matching out to 200 MHz (see Figure 62). For more
bandwidth response, the differential capacitor across the
analog inputs can be changed or removed. The common
mode of the analog inputs is developed from the center
tap of the transformer or AVDD_DUT/2.
0
FREQUENCY (MHz)
0
–16
–14
–12
–10
–8
–6
–4
–2
50
100
150
200
250
300
350
400
450
500
–3dB CUTOFF = 200MHz
Figure 62. Evaluation Board Full Power Bandwidth
•
VREF: VREF is set to 1.0 V by tying the SENSE pin to
ground, R237. This causes the ADC to operate in 2.0 V p-p
full-scale range. A separate external reference option using
the ADR510 or ADR520 is also included on the evaluation
board. Simply populate R231 and R235 and remove C214.
Proper use of the VREF options is noted in the Voltage
Reference section.
•
RBIAS: RBIAS has a default setting of 10 kΩ (R201) to
ground and is used to set the ADC core bias current. To
further lower the core power (excluding the LVDS driver
supply), simply change the resistor setting. However, per-
formance of the ADC will degrade depending on the resistor
chosen. See the RBIAS Pin section for more information.
•
CLOCK: The default clock input circuitry is derived from a
simple transformer-coupled circuit using a high bandwidth
1:1 impedance ratio transformer (T201) that adds a very
low amount of jitter to the clock path. The clock input is
50 Ω terminated and ac-coupled to handle single-ended
sine wave types of inputs. The transformer converts the
single-ended input to a differential signal that is clipped
before entering the ADC clock inputs.
A differential LVPECL clock can also be used to clock the
ADC input using the AD9515 (U202). Simply populate
R225 and R227 with 0 Ω resistors and remove R217 and
R218 to disconnect the default clock path inputs. In addition,
populate C207 and C208 with a 0.1 μF capacitor and remove
C210 and C211 to disconnect the default cloth path outputs.
The AD9515 has many pin-strappable options that are set
to a default working condition. Consult the AD9515 data
sheet for more information about these and other options.
If using an oscillator, two oscillator footprint options are
also available (OSC201) to check the ADC performance.
J205 gives the user flexibility in using the enable pin, which
is common on most oscillators.
•
PDWN: To enable the power-down feature, simply short
J201 to the on position (AVDD) on the PDWN pin.
•
SCLK/DTP: To enable the digital test pattern
on the digital outputs of the ADC, use J204. If J204 is tied to
AVDD during device power-up, Test Pattern 10 0000 0000
0000 will be enabled. See the SCLK/DTP Pin section for
details.
•
SDIO/ODM: To enable the low power, reduced signal option
similar to the IEEE 1595.3 reduced range link LVDS output
standard, use J203. If J203 is tied to AVDD during device
power-up, it enables the LVDS outputs in a low power,
reduced signal option from the default ANSI standard.
This option changes the signal swing from 350 mV p-p to
200 mV p-p, which reduces the power of the DRVDD supply.
See the SDIO/ODM Pin section for more details.
•
CSB: To enable the SPI information on the SDIO and
SCLK pins that is to be processed, simply tie J202 low in
the always enable mode. To ignore the SDIO and SCLK
information, tie J202 to AVDD.
•
Non-SPI Mode: For users who wish to operate the DUT
without using SPI, simply remove the J202, J203, and J204
jumpers. This disconnects the CSB, SCLK/DTP, and SDIO/
OMD pins from the control bus, allowing the DUT to operate
in its simplest mode. Each of these pins has internal termi-
nation and will float to its respective level.
•
D+, D−: If an alternative data capture method to the setup
described in Figure 61 is used, optional receiver terminations,
R206 to R211, can be installed next to the high speed back-
plane connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com