Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9259 Datasheet HTML 27Page - Analog Devices AD9259 Datasheet HTML 28Page - Analog Devices AD9259 Datasheet HTML 29Page - Analog Devices AD9259 Datasheet HTML 30Page - Analog Devices AD9259 Datasheet HTML 31Page - Analog Devices AD9259 Datasheet HTML 32Page - Analog Devices AD9259 Datasheet HTML 33Page - Analog Devices AD9259 Datasheet HTML 34Page - Analog Devices AD9259 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AD9259
Rev. 0 | Page 31 of 52
Table 15. Memory Map Register
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
Chip Configuration Registers
00
chip_port_config
0
LSB first
1 = on
0 = off
(default)
Soft
reset
1 = on
0 = off
(default)
1
1
Soft
reset
1 = on
0 = off
(default)
LSB first
1 = on
0 = off
(default)
0
0x18
The nibbles
should be
mirrored so that
LSB- or MSB-first
mode registers
correctly
regardless of
shift mode.
01
chip_id
8-bit Chip ID Bits 7:0
(AD9259 = 0x04), (default)
0x04
Read
only
Default is unique
chip ID. This is a
read-only
register.
02
chip_grade
X
Child ID 6:4
(identify device variants of Chip ID)
100 = 50 MSPS
X
X
X
X
Read
only
Child ID used to
differentiate
graded devices.
Device Index and Transfer Registers
05
device_index_A
X
X
Clock
Channel
DCO
1 = on
0 = off
(default)
Clock
Channel
FCO
1 = on
0 = off
(default)
Data
Channel
D
1 = on
(default)
0 = off
Data
Channel
C
1 = on
(default)
0 = off
Data
Channel
B
1 = on
(default)
0 = off
Data
Channel
A
1 = on
(default)
0 = off
0x0F
Bits are set to
determine which
on-chip device
receives the next
write command.
FF
device_update
X
X
X
X
X
X
X
SW
transfer
1 = on
0 = off
(default)
0x00
Synchronously
transfers data
from the master
shift register to
the slave.
ADC Functions
08
modes
X
X
X
X
X
Internal power-down mode
000 = chip run (default)
001 = full power-down
010 = standby
011 = reset
0x00
Determines
various generic
modes of chip
operation.
09
clock
X
X
X
X
X
X
X
Duty
cycle
stabilizer
1 = on
(default)
0 = off
0x01
Turns the
internal duty
cycle stabilizer
on and off.
0D
test_io
User test mode
00 = off (default)
01 = on, single alternate
10 = on, single once
11 = on, alternate once
Reset PN
long gen
1 = on
0 = off
(default)
Reset
PN short
gen
1 = on
0 = off
(default)
Output test mode—see
Table 9 in the
Digital Outputs and Timing section
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checker board output
0101 = PN 23 sequence
0110 = PN 9
0111 = one/zero word toggle
1000 = user input
1001 = one/zero bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
(format determined by output_mode)
0x00
When set, the
test data is
placed on the
output pins in
place of normal
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com