Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9259 Datasheet HTML 44Page - Analog Devices AD9259 Datasheet HTML 45Page - Analog Devices AD9259 Datasheet HTML 46Page - Analog Devices AD9259 Datasheet HTML 47Page - Analog Devices AD9259 Datasheet HTML 48Page - Analog Devices AD9259 Datasheet HTML 49Page - Analog Devices AD9259 Datasheet HTML 50Page - Analog Devices AD9259 Datasheet HTML 51Page - Analog Devices AD9259 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AD9259
Rev. 0 | Page 49 of 52
Item
Qnty.
per
Board
REFDES
Device
Pkg.
Value
Mfg.
Mfg. Part Number
57
2
U301, U401
IC
LFCSP,
CP-32
AD8332ACP,
ultralow noise
precision dual
VGA
ADI
AD8332ACP
58
1
U504
IC
SOT-223
ADP33339AKC-5
ADI
ADP33339AKC-5
59
1
U502
IC
SOT-223
ADP33339AKC-3.3
ADI
ADP33339AKC-3.3
60
1
U201
IC
LFCSP,
CP-48-1
AD9259-50, quad,
14-bit, 50 MSPS
serial LVDS 1.8 V
ADC
ADI
AD9259BCPZ-50
61
1
U203
IC
SOT-23
ADR510AR, 1.0 V,
precision low
noise shunt
voltage reference
ADI
ADR510AR
62
1
U202
IC
LFCSP
CP-32-2
AD9515
ADI
AD9515BCPZ
63
1
U403
IC
SC70,
MAA06A
NC7WZ07
Fairchild
NC7WZ07P6X
64
1
U404
IC
SC70,
MAA06A
NC7WZ16
Fairchild
NC7WZ16P6X
65
1
U402
IC
8-SOIC
Flash prog
mem 1kx14,
RAM size 64 × 8,
20 MHz speed,
PIC12F controller
series
Microchip
PIC12F629-I/SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com