Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9259 Datasheet HTML 15Page - Analog Devices AD9259 Datasheet HTML 16Page - Analog Devices AD9259 Datasheet HTML 17Page - Analog Devices AD9259 Datasheet HTML 18Page - Analog Devices AD9259 Datasheet HTML 19Page - Analog Devices AD9259 Datasheet HTML 20Page - Analog Devices AD9259 Datasheet HTML 21Page - Analog Devices AD9259 Datasheet HTML 22Page - Analog Devices AD9259 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9259
Rev. 0 | Page 19 of 52
For best dynamic performance, the source impedances driving
VIN+ and VIN− should be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates the positive and negative reference voltages, REFT
and REFB, respectively, that define the span of the ADC core.
The output common-mode of the reference buffer is set to
midsupply, and the REFT and REFB voltages and span are
defined as
REFT = 1/2 (AVDD + VREF)
REFB = 1/2 (AVDD − VREF)
Span = 2 × (REFT − REFB) = 2 × VREF
It can be seen from these equations that the REFT and REFB
voltages are symmetrical about the midsupply voltage and, by
definition, the input span is twice the value of the VREF voltage.
Maximum SNR performance is always achieved by setting the
ADC to the largest span in a differential configuration. In the
case of the AD9259, the largest input span available is 2 V p-p.
Differential Input Configurations
There are several ways in which to drive the AD9259 either
actively or passively. In either case, the optimum performance is
achieved by driving the analog input differentially. One example
is by using the AD8332 differential driver. It provides excellent
performance and a flexible interface to the ADC (see Figure 41)
for baseband applications. This configuration is common for
medical ultrasound systems.
However, the noise performance of most amplifiers is not
adequate to achieve the true performance of the AD9259. For
applications where SNR is a key parameter, differential transfor-
mer coupling is the recommended input configuration. Two
examples are shown in Figure 38 and Figure 39.
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and may need to be reduced
or removed.
2V p-p
R
R
1CDIFF
C
1CDIFF IS OPTIONAL.
49.9Ω
0.1μF
1kΩ
1kΩ
AGND
AVDD
ADT1–1WT
1:1 Z RATIO
VIN–
ADC
AD9259
VIN+
C
Figure 38. Differential Transformer Coupled Configuration
for Baseband Applications
ADC
AD9259
2V p-p
2.2pF
1kΩ
0.1μF
1kΩ
1kΩ
AVDD
ADT1–1WT
1:1 Z RATIO
16nH
16nH
0.1μF
16nH
33Ω
33Ω
499Ω
65Ω
VIN+
VIN–
Figure 39. Differential Transformer Coupled Configuration for IF Applications
Single-Ended Input Configuration
A single-ended input may provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input common-
mode swing. If the application requires a single-ended input
configuration, ensure that the source impedances on each input
are well matched in order to achieve the best possible performance.
A full-scale input of 2 V p-p can still be applied to the ADC’s VIN+
pin while the VIN− pin is terminated. Figure 40 details a typical
single-ended input configuration.
2V p-p
R
R
49.9Ω
0.1µF
0.1µF
AVDD
1kΩ 25Ω
1kΩ
1kΩ
AVDD
VIN–
ADC
AD9259
VIN+
1CDIFF
C
C
1CDIFF IS OPTIONAL.
Figure 40. Single-Ended Input Configuration
AD8332
1.0kΩ
1.0kΩ
374Ω
187Ω
R
R
C
0.1μF
187Ω
0.1μF
0.1μF
0.1μF
0.1μF10μF
0.1μF
1V p-p
0.1μF
LNA
120nH
VGA
VOH
VIP
INH
22pF
LMD
VIN
LOP
LON
VOL
18nF
274Ω
VIN–
ADC
AD9259
VIN+
VREF
Figure 41. Differential Input Configuration Using the AD8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com