Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9259 Datasheet HTML 12Page - Analog Devices AD9259 Datasheet HTML 13Page - Analog Devices AD9259 Datasheet HTML 14Page - Analog Devices AD9259 Datasheet HTML 15Page - Analog Devices AD9259 Datasheet HTML 16Page - Analog Devices AD9259 Datasheet HTML 17Page - Analog Devices AD9259 Datasheet HTML 18Page - Analog Devices AD9259 Datasheet HTML 19Page - Analog Devices AD9259 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AD9259
Rev. 0 | Page 16 of 52
50
55
60
65
70
75
80
85
90
1
10
100
1000
ANALOG INPUT FREQUENCY (MHz)
2V p-p, SFDR (dBc)
2V p-p, SNR (dB)
Figure 27. SNR/SFDR vs. fIN, fSAMPLE = 50 MSPS
TEMPERATURE (°C)
–40
–20
80
60
40
20
0
60
65
70
75
80
85
90
2V p-p, SINAD
2V p-p, SFDR
Figure 28. SINAD/SFDR vs. Temperature, fIN = 10.3 MHz, fSAMPLE = 50 MSPS
0
2000
4000
6000
8000
10000 12000 14000 16000
2.0
–2.0
–1.5
–1.0
0
–0.5
0.5
1.0
1.5
CODE
Figure 29. INL, fIN = 2.4 MHz, fSAMPLE = 50 MSPS
0
2000
4000
6000
8000 10000 12000 14000 16000
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
CODE
Figure 30. DNL, fIN = 2.4 MHz, fSAMPLE = 50 MSPS
–70
–30
–35
–40
–45
–50
–55
–60
–65
0
5
10
15
20
30
25
35
FREQUENCY (MHz)
Figure 31. CMRR vs. Frequency, fSAMPLE = 50 MSPS
0.2
0.4
0.6
0.8
1.0
1.2
0
N – 3
N – 2
N + 3
N + 2
N + 1
N
N – 1
CODE
1.006 LSB rms
Figure 32. Input-Referred Noise Histogram, fSAMPLE = 50 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com