Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9259 Datasheet HTML 21Page - Analog Devices AD9259 Datasheet HTML 22Page - Analog Devices AD9259 Datasheet HTML 23Page - Analog Devices AD9259 Datasheet HTML 24Page - Analog Devices AD9259 Datasheet HTML 25Page - Analog Devices AD9259 Datasheet HTML 26Page - Analog Devices AD9259 Datasheet HTML 27Page - Analog Devices AD9259 Datasheet HTML 28Page - Analog Devices AD9259 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AD9259
Rev. 0 | Page 25 of 52
When using the serial port interface (SPI), the DCO phase can
be adjusted in 60° increments relative to the data edge. This
enables the user to refine system timing margins if required.
The default DCO timing, as shown in Figure 2, is 90° relative to
the output data edge.
An 8-, 10-, and 12-bit serial stream can also be initiated from
the SPI. This allows the user to implement and test compatibility
to lower resolution systems. When changing the resolution to
an 8-, 10-, or 12-bit serial stream, the data stream is shortened.
See Figure 3 for a 12-bit example.
When using the SPI, all of the data outputs can also be inverted
from their nominal state. This is not to be confused with
inverting the serial stream to an LSB-first mode. In default
mode, as shown in Figure 2, the MSB is represented first in the
data output serial stream. However, this can be inverted so that
the LSB is represented first in the data output serial stream (see
Figure 4).
There are 12 digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing. Refer to Table 9 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various
ways, depending on the test pattern chosen. It should be noted
that some patterns may not adhere to the data format select
option. In addition, customer user patterns can be assigned in
the 0x19, 0x1A, 0x1B, and 0x1C register addresses. All test mode
options can support 8- to 14-bit word lengths in order to verify
data capture to the receiver.
Please consult the Memory Map section for information on how
to change these additional digital output timing features through
the serial port interface or SPI.
SDIO/ODM Pin
This pin is for applications that do not require SPI mode operation.
The SDIO/ODM pin can enable a low power, reduced signal option
similar to the IEEE 1596.3 reduced range link output standard if
this pin and the CSB pin are tied to AVDD during device power-
up. This option should only be used when the digital output trace
lengths are less than 2 inches in length to the LVDS receiver. The
FCO, DCO, and outputs function normally, but the LVDS signal
swing of all channels is reduced from 350 mV p-p to 200 mV p-p.
This output mode allows the user to further lower the power on
the DRVDD supply. For applications where this pin is not used,
it should be tied low. In this case, the device pin can be left open,
and the 30 kΩ internal pull-down resistor pulls this pin low. This
pin is only 1.8 V tolerant. If applications require this pin to be
driven from a 3.3 V logic level, insert a 1 kΩ resistor in series
with this pin to limit the current.
Table 10. Output Driver Mode Pin Settings
Selected ODM
ODM Voltage
Resulting
Output Standard
Resulting
FCO and DCO
Normal
operation
10 kΩ to AGND
ANSI-644
(default)
ANSI-644
(default)
ODM
AVDD
Low power,
reduced signal
option
Low power,
reduced
signal
option
SCLK/DTP Pin
This pin is for applications that do not require SPI mode operation.
The serial clock/digital test pattern (SCLK/DTP) pin can enable
a single digital test pattern if this pin and the CSB pin are held
high during device power-up. When the DTP is tied to AVDD,
all the ADC channel outputs shift out the following pattern: 10
0000 0000 0000. The FCO and DCO outputs still work as usual
while all channels shift out the repeatable test pattern. This pattern
allows the user to perform timing alignment adjustments among
the FCO, DCO, and output data. For normal operation, this pin
should be tied to AGND through a 10 kΩ resistor. This pin is
both 1.8 V and 3.3 V tolerant.
Table 11. Digital Test Pattern Pin Settings
Selected DTP
DTP Voltage
Resulting
D+ and D−
Resulting
FCO and DCO
Normal
operation
10 kΩ to AGND
Normal
operation
Normal operation
DTP
AVDD
10 0000 0000
0000
Normal operation
Additional and custom test patterns can also be observed when
commanded from the SPI port. Consult the Memory Map
section to choose from the different options available.
CSB Pin
The chip select bar (CSB) pin should be tied to AVDD for
applications that do not require SPI mode operation. By tying
CSB high, all SCLK and SDIO information is ignored. This pin
is both 1.8 V and 3.3 V tolerant.
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
(nominally equal to 10.0 kΩ) to ground at the RBIAS pin. The
resistor current is derived on-chip and sets the ADC’s AVDD
current to a nominal 185 mA at 50 MSPS. Therefore, it is
imperative that at least a 1% tolerance on this resistor be used to
achieve consistent performance. If SFDR performance is not as
critical as power, simply adjust the ADC core current to achieve
a lower power. Figure 53 and Figure 54 show the relationship
between the dynamic range and power as the RBIAS resistance
is changed. Nominally, a 10.0 kΩ value is used, as indicated by
the dashed line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com