Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9259 Datasheet HTML 6Page - Analog Devices AD9259 Datasheet HTML 7Page - Analog Devices AD9259 Datasheet HTML 8Page - Analog Devices AD9259 Datasheet HTML 9Page - Analog Devices AD9259 Datasheet HTML 10Page - Analog Devices AD9259 Datasheet HTML 11Page - Analog Devices AD9259 Datasheet HTML 12Page - Analog Devices AD9259 Datasheet HTML 13Page - Analog Devices AD9259 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9259
Rev. 0 | Page 10 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN + A
VIN – A
AVDD
VIN + D
VIN – D
DRVDD
DRGND
CLK+
CLK–
AVDD
DRVDD
DRGND
AVDD
AVDD
CSB
SCLK/DTP
SDIO/ODM
PDWN
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
11
12
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
PIN 1
INDICATOR
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
AD9259
TOP VIEW
Figure 5. 48-Lead LFCSP Top View
Table 7. Pin Function Descriptions
Pin No.
Name
Description
0
AGND
Analog Ground (Exposed Paddle)
1, 2, 5, 6, 9, 10, 27, 32,
35, 36, 39, 45, 46
AVDD
1.8 V Analog Supply
11, 26
DRGND
Digital Output Driver Ground
12, 25
DRVDD
1.8 V Digital Output Driver Supply
3
VIN − D
ADC D Analog Input—Complement
4
VIN + D
ADC D Analog Input—True
7
CLK−
Input Clock—Complement
8
CLK+
Input Clock—True
13
D − D
ADC D Complement Digital Output
14
D + D
ADC D True Digital Output
15
D − C
ADC C Complement Digital Output
16
D + C
ADC C True Digital Output
17
D − B
ADC B Complement Digital Output
18
D + B
ADC B True Digital Output
19
D − A
ADC A Complement Digital Output
20
D + A
ADC A True Digital Output
21
FCO−
Frame Clock Output—Complement
22
FCO+
Frame Clock Output—True
23
DCO−
Data Clock Output—Complement
24
DCO+
Data Clock Output—True
28
SCLK/DTP
Serial Clock/Digital Test Pattern
29
SDIO/ODM
Serial Data Input-Output/Output Driver Mode
30
CSB
CSB
31
PDWN
Power-Down
33
VIN + A
ADC A Analog Input—True
34
VIN − A
ADC A Analog Input—Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com