Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9259 Datasheet HTML 44Page - Analog Devices AD9259 Datasheet HTML 45Page - Analog Devices AD9259 Datasheet HTML 46Page - Analog Devices AD9259 Datasheet HTML 47Page - Analog Devices AD9259 Datasheet HTML 48Page - Analog Devices AD9259 Datasheet HTML 49Page - Analog Devices AD9259 Datasheet HTML 50Page - Analog Devices AD9259 Datasheet HTML 51Page - Analog Devices AD9259 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
AD9259
Rev. 0 | Page 48 of 52
Item
Qnty.
per
Board
REFDES
Device
Pkg.
Value
Mfg.
Mfg. Part Number
35
15
R109, R111, R112,
R123, R125, R126,
R135, R138, R139,
R148, R149, R150,
R431, R432, R433
Resistor
402
1 kΩ, 1/16 W,
1% tol
Panasonic
ERJ-2RKF1001X
36
8
R108, R110, R121,
R122, R134, R136,
R146, R147
Resistor
402
33 Ω, 1/16 W, 5%
tol
Panasonic
ERJ-2GEJ330X
37
4
R161, R162, R163,
R164
Resistor
402
499 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF4990X
38
3
R202, R203, R204
Resistor
402
100 kΩ, 1/16 W,
1% tol
Panasonic
ERJ-2RKF1003X
39
1
R222
Resistor
402
4.02 kΩ, 1/16 W,
1% tol
Panasonic
ERJ-2RKF4021X
40
1
R213
Resistor
402
49.9 Ω, 1/16 W,
0.5% tol
Susumu
RR0510R-49R9-D
41
1
R229
Resistor
402
4.99 kΩ, 1/16 W,
5% tol
Panasonic
ERJ-2RKF4991X
42
2
R230, R319
Potentiometer
3-lead
10 kΩ, Cermet
trimmer
potentiometer,
18 turn top adjust,
10%, 1/2 W
BC
Components
CT-94W-103
43
1
R228
Resistor
402
470 kΩ, 1/16 W,
5% tol
Yageo America
9C04021A4703JLHF3
44
1
R320
Resistor
402
39 kΩ, 1/16 W,
5% tol
Susumu
RR0510P-393-D
45
8
R307, R308, R309,
R310, R407, R408,
R409, R410
Resistor
402
187 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF1870X
46
4
R305, R306, R405,
R406
Resistor
402
374 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF3740X
47
4
R316, R317, R415,
R416
Resistor
402
274 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF2740X
48
11
R245, R247, R249,
R251, R253, R255,
R257, R259, R261,
R263, R265
Resistor
201
0 Ω, 1/20 W, 5% tol
Panasonic
ERJ-1GE0R00C
49
4
R418
Resistor
402
4.75 kΩ, 1/16 W,
1% tol
Panasonic
ERJ-2RKF4751X
50
1
R419
Resistor
402
261 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF2610X
51
1
R501
Resistor
603
261 Ω, 1/16 W,
1% tol
Panasonic
ERJ-3EKF2610V
52
2
R240, R241
Resistor
402
243 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF2430X
53
2
R242, R243
Resistor
402
100 Ω, 1/16 W,
1% tol
Panasonic
ERJ-2RKF1000X
54
1
S401
Switch
SMD
LIGHT TOUCH,
100GE, 5 mm
Panasonic
EVQ-PLDA15
55
5
T101, T102, T103, T104,
T201
Transformer
CD542
ADT1-1WT, 1:1
impedance ratio
transformer
Mini-Circuits
ADT1-1WT
56
2
U501, U503
IC
SOT-223
ADP33339AKC-1.8,
1.5 A, 1.8 V LDO
regulator
ADI
ADP33339AKC-1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com