Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RYZ012 Datasheet HTML 1Page - Renesas Technology Corp RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 3 of 24
May.05.22
System Control
Reset
The module supports different reset types, each with a different scope:
•
Power-on-Reset - On power-on the whole chip is reset. Consequently, all registers are set to their default
values.
•
Software Reset – All serial interface software items to control the protocol stacks support aserial
command to reset the module.
Power Supply
The device must be powered with an operating voltage between 1.8 V and 3.6 V. Internal DC/DC and LDO
converters generate the internal supply voltages required for operation. The chip’s embedded DCDC
generates 1.8-V output voltage as power supply for the internal flash and generates 1.4-V output voltage as
input to the LDO.
The embedded LDO regulator takes the 1.4-V voltage output from the DCDC and generates 1.2-V regulated
voltage to supply power for 1.2-V digital core and analog modules.
Power-On-Reset (POR) and Brown-out Detect
The modules power supply status is controlled by the UVLO (Ultra-low Voltage Lockout), PL (Power Logic)
module, and the external NRST pin through the logic shown in Figure 1. UVLO takes the external power
supply as input and releases the lock only when the power supply voltage is higher than a predefined
threshold. Typical values for these thresholds are shown in Table 2. The NRST pin has an internal pull-up
resistor. An external capacitor can be connected on the NRST pin to control the POR delay.
Figure 1. Power control logic
Figure 2. Power-up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com