Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp RYZ012 Datasheet HTML 10Page - Renesas Technology Corp RYZ012 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 7 of 24
May.05.22
Caution: Any changes or modification not expressly approved by the party responsible for compliance could
void the user’s authority to operate the equipment.
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled environment. This
transmitter must be co-located or operating in conjunction with any other antenna and transmitter.
EU Declaration of Conformity
Integrated Device Technology, a Renesas Corporation company declares that the RYZ012 complies with the
essential requirements and other relevant provisions of Directive 2014/53/EU. A copy of the Declaration of
Conformity is available on request.
Japanese Radio Law and Japanese Telecommunications Business Law Compliance
This device is granted pursuant to the Japanese Radio Law (電波法).
This device should not be modified (otherwise the granted designation number will become invalid)
The host product should provide the statement below on its housing:
当該機器には電波法に基づく、技術基準適合証明等を受けた特定無線設備を装着している
(Translation: “This equipment contains specified radio equipment that has been certified to the Technical
Regulation Conformity Certification under the Radio Law.”)
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the RYZ012 at absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions can affect device reliability.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VDD
Supply voltage
All AVDD, DVDD and VDD_IO
pins must have the same
voltage
-0.3
3.6
V
Vin
Voltage on input pin
-
-0.3
VDD + 0.3
V
Vout
Output voltage
-
0
V
DD
V
VStr
Storage temperature range
-
-65
150
°C
VSld
Soldering temperature
-
-
260
°C
Caution:
Stresses above those listed in Table 7 can cause permanent damage to the device. This is a stress-only
rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.
Recommended Operating Conditions
Table 8.
Recommended operating conditions
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
V
DD
Power supply voltage
-
1.8
3.3
3.6
V
tR
Supply Rise Time (from
1.6 V to 1.8 V)
-
-
-
10
ms
t
Opr
Operating Temperature
Range
-
-40
-
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com