Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 10Page - Renesas Technology Corp RYZ012 Datasheet HTML 11Page - Renesas Technology Corp RYZ012 Datasheet HTML 12Page - Renesas Technology Corp RYZ012 Datasheet HTML 13Page - Renesas Technology Corp RYZ012 Datasheet HTML 14Page - Renesas Technology Corp RYZ012 Datasheet HTML 15Page - Renesas Technology Corp RYZ012 Datasheet HTML 16Page - Renesas Technology Corp RYZ012 Datasheet HTML 17Page - Renesas Technology Corp RYZ012 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 14 of 24
May.05.22
RZY012B1
Do not place any metal in the keep-out area (no traces, planes, components, batteries, screws …).Ensure
the module is properly connected to ground (for example, ground plane). Ensure the antenna connection
trace is 50Ohms matched to achieve proper antenna performance.
Host PCB
Keep-out area
No copper or metallic objects here
RYZ012B1
a
b
c
d
0.65
0.75
0.25
0.8
Dimension
[mm]
b
b
e
d
e
1.1
Antenna connector
50Ω trace
Figure 9. RYZ012B1 Layout Guideline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com