Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp RYZ012 Datasheet HTML 10Page - Renesas Technology Corp RYZ012 Datasheet HTML 11Page - Renesas Technology Corp RYZ012 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 8 of 24
May.05.22
Electrical Characteristics
Table 9.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
IRx
RX current
Whole chip
5.3
-
mA
ITx
TX current
Whole chip
at 0dBm
with DCDC
4.8
-
mA
IDeep1
Deep sleep with 8-kB
SRAM retention
-
-
1
3.1
uA
Deep sleep with 16-kB
SRAM retention
-
-
1.2
3.3
uA
Deep sleep with 32-kB
SRAM retention
-
-
1.4
3.5
uA
IDeep2
Deep sleep without SRAM
retention
-
-
0.4
-
uA
Table 10.
AC Characteristics (VDD = 3.3V, TA = 25°C) (1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Typical
Units
Inputs/Outputs
V
IH
Input High
Voltage
-
0.7VDD
-
V
DD
V
V
IL
Digital
Input Low Voltage
-
V
SS
-
0.3VDD
V
Digital Inputs/Outputs
V
OH
Output High
Voltage
-
0.9VDD
-
V
DD
V
V
OL
Output Low
Voltage
-
V
SS
-
0.1VDD
V
RF Parameters
-
RF Frequency
Range
Programmable in
1MHz step
2380
-
2500
MHz
-
Data Rate
Bluetooth LE/2.4G Proprietary 1 Mbps, ±250-kHz deviation
-
Bluetooth LE/2.4G Proprietary 2 Mbps, ±500-kHz deviation
-
Bluetooth LE 125 kbps, ±250-kHz deviation
-
Bluetooth LE 500 kbps, ±250-kHz deviation
RSSI
-
RSSI Range
-
-100
10
dBm
-
Resolution
-
-
1
-
dB
Table 11.
Bluetooth LE, 1-Mbps Mode
Symbol
Parameter
Condition
s
Minimum
Typical
Maximum
Units
RX Performance*1 (±250kHz Deviation)
1 Mbps
Sensitivity
-
-
-96
-
dBm
-
Frequency Offset
Tolerance
-
-250
-
+300
kHz
-
Co-channel Rejection
Wanted
signal
at -67dBm
-
11
-
dB
+1/-1 MHz offset
In-band Blocking
Rejection (Equal
Modulation
Interference)
Wanted
signal
at -67dBm
-
-1/-3
-
dB
+2/-2 MHz offset
-
-37/-39
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com