Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RYZ012 Datasheet HTML 1Page - Renesas Technology Corp RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 5 of 24
May.05.22
RF Transceiver
Figure 4. Block diagram of RF transceiver
Baseband
The baseband contains dedicated hardware logic to perform fast AGC control, access code correlation, CRC
checking, data whitening, encryption/decryption, and frequency hopping logic.
The baseband supports all features required by Bluetooth 5 specification.
Packet Format
Packet format in standard 1-Mbps Bluetooth LE mode is shown in Table 3.
Table 3.
Packet format in standard 1-Mbps Bluetooth LE mode
LSB
Preamble (1 octet)
Access Address
(4 octets)
PDU
(2-257 octets)
CRC
(3 octets)
MSB
Packet length 80 bit–2120 bit (80–2120 µs at 1 Mbps).
Packet format in standard 2-Mbps Bluetooth LE mode is shown in Table 4.
Table 4.
Packet format in standard 2-Mbps Bluetooth LE mode
LSB
Preamble
(2 octets)
Access Address
(4 octets)
PDU
(2-257 octets)
CRC
(3 octets)
MSB
Packet format in standard 500-kbps/125-kbps Bluetooth LE mode is shown in Table 5.
Table 5.
Packet format in standard 500-kbps/125-kbps Bluetooth LE mode
LSB
Preamble
(10 octets)
Access
Address
(4 octets)
CI
(2 bits)
TERM1
(3 bits)
PDU (2-
257
octets)
PDU (2-
257
octets)
CRC
(3
octets)
TERM2
(3 bits)
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com