Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp RYZ012 Datasheet HTML 10Page - Renesas Technology Corp RYZ012 Datasheet HTML 11Page - Renesas Technology Corp RYZ012 Datasheet HTML 12Page - Renesas Technology Corp RYZ012 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 9 of 24
May.05.22
>=3 MHz offset
In-band Blocking
Rejection (Equal
Modulation
Interference)
Wanted
signal
at -67dBm
-
-42
-
dB
-
Image Rejection
Wanted
signal
at -67dBm
-
-37
-
dB
TX Performance
-
Output Power,
Maximum Setting
-
-
10
12
dBm
-
Output power,
Minimum Setting
-
-
-45
dBm
-
Programmable Output
Power range
-
55
dB
-
Modulation 20dB
Bandwidth
-
-
1.4
-
MHz
Note
1. For actual sensitivity level of Bluetooth LE 1-Mbps mode, see Bluetooth 5 specification.
Table
12. Bluetooth LE, 2 Mbps Mode
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
RX performance*1 (±500kHz Deviation)
2Mbps
Sensitivity
-
-
-93
-
dBm
-
Frequency Offset
Tolerance
-
-300
-
+200
kHz
-
Co-channel Rejection
Wanted
signal at
- 67dBm
-
10
-
dB
+2/-2 MHz offset
In-band
Blocking
Rejection
Wanted
signal at
- 67dBm
-
-6/-6
-
dB
+4/-4 MHz offset
-
-39/-38
-
dB
>4MHz offset
-
-42
-
dB
-
Image Rejection
Wanted
signal at
- 67dBm
-
-25
--
dB
TX Performance
-
Output Power,
Maximum Setting
-
-
10
12
dBm
-
Output Power,
Minimum Setting
-
-
-45
-
dBm
-
Programmable Output
Power Range
-
55
dB
-
Modulation 20dB
Bandwidth
-
-
2.5
-
MHz
Note 1. For actual sensitivity level of Bluetooth LE 2Mbps mode, see Bluetooth 5 specification.
Table 13.
Bluetooth LE, 500-kbps Mode
Symbol
Parameter
Condition
s
Minimum
Typical
Maximum
Units
RX Performance*1 (±250-kHz Deviation)
500 kbps
Sensitivity
-
-
-99
-
dBm
-
Frequency Offset
Tolerance
-
-150
-
+50
kHz
-
Co-channel Rejection
Wanted
signal
-
1
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com