Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp RYZ012 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 6 of 24
May.05.22
RSSI and Frequency Offset
The RYZ012 provides accurate RSSI (Receiver Signal Strength Indicator) and frequency offset indication.
•
RSSI can be read from the one byte at the tail of each received data packet.
•
If no data packet is received (for example to perform channel energy measurementwhen no desired
signal is present), real-time RSSI can also be read from specific registers which will be updated
automatically.
•
RSSI monitoring resolution can reach ±1dB.
Frequency offset can be read from the two bytes at the tail of the data packet. Valid bits of actual frequency
offset may be less than 16 bits, and different valid bits correspond to a different tolerance range.
Ordering Information
Table 6.
Ordering information
Orderable Part Number
Package
MSL Rating
Shipping
Packaging
Ambient
Temperature
RYZ012A100FZ00#BD0
Module with internal antenna
3
Tray
-40°C to +85°C
RYZ012A100FZ00#HD0
Module with internal antenna
3
Tape & Reel
-40°C to +85°C
RYZ012B100FZ00#BD0
Module needing external antenna
3
Tray
-40°C to +85°C
RYZ012B100FZ00#HD0
Module needing external antenna
3
Tape & Reel
-40°C to +85°C
Marking Diagram
Figure 5. Marking diagram
Regulatory Information
This section contains general regulatory information.
FCC Statement
This device complies with part 15 of the FCC rules. Operation is subject to the following two conditions:
1.
This device may not cause harmful interference.
2.
This device must accept any interference received, including interference that may cause undesired
operation.
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference in an industrial or residential installation. This equipment generates and can radiate radio
frequency energy and, if not installed and used in accordance with the instructions, may cause harmful
interference. If this equipment does cause harmful interference to radio or television reception, which can be
determined by turning the equipment off and on, the user is encouraged to try to correct the interference by
one or more of the following measures:
•
Reorient or relocate the receiving antenna.
•
Increase the separation between the equipment and the receiver.
•
Connect the equipment into an outlet on a circuit different from that to which the receiver isconnected.
•
Consult the dealer or an experienced radio/TV technician for help.
Pin 1
Mark
Model Number
Device Step
Date Code: Year
Date Code: Week
Lot Sequence Nr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com