Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RYZ012 Datasheet HTML 1Page - Renesas Technology Corp RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 4 of 24
May.05.22
Figure 3. Power-down sequence
Table 2.
Characteristics of the power control logic
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VPOR
VDD voltage when VUVLO turns to high
level
-
1.62
-
V
VPDN
VDD voltage when VUVLO turns to low
level
-
1.55
-
V
Single Wire Interface
The RYZ012 supports the Single Wire interface (SWIRE). SWM (Single Wire Master) and SWS (Single Wire
Slave) represent the master and slave device of the single wire communication system. The maximum data
rate can be up to 2 Mbps.
The Single Wire Interface is used for device programming.
Bluetooth LE RF Transceiver
The RYZ012 integrates an advanced Bluetooth LE RF transceiver. The RF transceiver works in the
worldwide 2.4-GHz ISM (Industrial Scientific Medical) band.
The transceiver consists of a fully integrated RF synthesizer, a Power Amplifier (PA), a Low Noise Amplifier
(LNA), a TX filter, an RX filter, a TX DAC, an ADC, a modulator, and a demodulator. The transceiver can be
configured to work in standard-compliant 1-Mbps Bluetooth LE mode, 2-Mbps enhancement Bluetooth LE
mode, 125-kbps Bluetooth LE long-range mode (S8), and 500-kbps Bluetooth LE long-range mode (S2). The
internal PA can deliver a maximum 10dBm output power, avoiding the need for an external RF PA.
Figure 4 shows a block diagram of the RF transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com