Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp RYZ012 Datasheet HTML 10Page - Renesas Technology Corp RYZ012 Datasheet HTML 11Page - Renesas Technology Corp RYZ012 Datasheet HTML 12Page - Renesas Technology Corp RYZ012 Datasheet HTML 13Page - Renesas Technology Corp RYZ012 Datasheet HTML 14Page - Renesas Technology Corp RYZ012 Datasheet HTML 15Page - Renesas Technology Corp RYZ012 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 12 of 24
May.05.22
Soldering Information
The recommended soldering profile for a lead-free (RoHS-compliant) process is shown in Figure 7
.
Figure 7. Recommended soldering profile
It is important to ensure this temperature profile is measured at the sensor itself. Measuring the profile at a
larger component with a higher thermal mass results in the temperature at the small sensor measuring
higher than expected. For manual soldering, the contact time must be limited to 5 seconds with a maximum
iron temperature of 350°C. It is strongly recommended that a no-clean solder paste is used to avoid the need
to wash the PCB.
Integration Instructions
Module integrators must adhere to the integration guidelines given to maintain compliance with the
certification requirements while providing the maximum performance.
Note: Any modifications to the RYZ012 modules are not allowed and may void the user’s permission to
operate the module.
List of applicable FCC / ISED rules
FCC
ISED
47 CFR Part 15 Subpart C §15.247
RSS-247, Issue 2, February 2017
Specific Operational Use Conditions
North America (FCC)
The module must not be operated at power levels above 10.0 dBm. Host devices that need higher output
power may not be marketed without prior re-certification.
Europe (RED)
The module must not be operated at power levels above 8.4 dBm. Host devices that need higher output
power may not be marketed in regions covered by RED regulation without prior re-certification.
Japan (MIC)
The module must be operated at power level 4.5 dBm. Host devices that need change output power may not
be marketed without prior re-certification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com