Electronic Components Datasheet Search
  English  ▼

X  

RYZ012 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RYZ012 Datasheet HTML 1Page - Renesas Technology Corp RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
R12DS0002EU0101 Rev.1.01
Page 1 of 23
May.05.22
Datasheet
RYZ012
Wireless Communication Module for Bluetooth® 5 Low Energy
Description
The RYZ012 is a highly integrated wireless communication module that provides a qualified solution for BLE
5 Bluetooth® 5 Low Energy (LE). The integrated processor runs the network stack. The network stacks are
executed inside the module, so there is no need for external stack operation.
The integrated wireless solution combines the features and functions needed for 2.4-GHz IoT standards into
a single module. End products built using this module comply with the Bluetooth standard, supports LE
specification up to Bluetooth 5 and allows simple connectivity with Bluetooth LE mobile phones, tablets and
laptops. The Bluetooth LE stack supports Bluetooth LE slave and master mode operation, including
broadcast, encryption, connection updates, and channel map updates.
The RYZ012 integrates hardware acceleration to support the complicated security operations. The module is
available in two configurations (A and B) with or without a mounted antenna. This allows for implementation
flexibility and the option for longer wireless range requirements.
Typical Applications
Typical applications of the RYZ012:
•
Portable devices and equipment
•
Smart lighting, smart home devices
•
Remote equipment
•
Building automation
•
Smart grid
•
Intelligent logistics, transportation, and tracking
•
Industrial control
•
Health care
Features
Table 1.
Specifications of RYZ012
Feature
Functional description
RF
•
Bluetooth LE RF transceiver embedded, working in worldwide 2.4-GHz
ISM band
•
Bluetooth 5 compliant, 1-Mbps, 2-Mbps, Long Range 125 kbps and 500
kbps
•
Rx Sensitivity:
96dBm at Bluetooth LE 1-Mbps mode
93dBm at Bluetooth LE 2-Mbps mode
99dBm at Bluetooth LE 500-kbps mode
101dBm at Bluetooth LE 125-kbps mode
•
Tx output power: up to +10dBm
•
Single-pin antenna interface
•
RSSI monitoring with ±1dB resolution
•
Auto acknowledgment, retransmission and flow control
Supported standard
•
Bluetooth 5 Low Energy
Datasheet


Similar Part No. - RYZ012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RYZ014A RENESAS-RYZ014A Datasheet
1Mb / 34P
LTE Category M1 Module
Mar.09.23
More results

Similar Description - RYZ012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
logo
Taiyo Yuden (U.S.A.), I...
EYSGCNZWY TAIYO-YUDEN-EYSGCNZWY Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module
May 30, 2018 Version 1.8
EYSGJNAWY-WX TAIYO-YUDEN-EYSGJNAWY-WX Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSHJNZWZ TAIYO-YUDEN-EYSHJNZWZ Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSHSNZWZ TAIYO-YUDEN-EYSHSNZWZ Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSNSNZWW TAIYO-YUDEN-EYSNSNZWW Datasheet
3Mb / 45P
Wireless Module Bluetooth??low energy Module Overview
May 11, 2020 Version 3.0
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com