Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 2Page - Renesas Technology Corp SLG51001 Datasheet HTML 3Page - Renesas Technology Corp SLG51001 Datasheet HTML 4Page - Renesas Technology Corp SLG51001 Datasheet HTML 5Page - Renesas Technology Corp SLG51001 Datasheet HTML 6Page - Renesas Technology Corp SLG51001 Datasheet HTML 7Page - Renesas Technology Corp SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
6 of 25
© 2022 Renesas Electronics Corporation
When de-asserting the CS pin, it can have a programmable shutdown debounce time (from 0 µs to
256 µs, register CS_T_DEB).
2.1.2
SCL
– I2C Clock
The SCL signal is the I2C clock.
2.2
Bidirectional Pins
2.2.1
GPIO1 to GPIO3 and GPI4
– General Purpose Input/Output
The general-purpose input/output pins are configurable by dedicated registers (IO_GPIO<x>_CONF).
GPIO1 to GPIO3 can be configured as an input or an open-drain output. GPI4 is always an input pin.
In the LOW IQ RESET state, all GPIOs are configured as inputs with no pull-down.
The user-configurable input levels are 1.2 V and 1.8 V.
2.2.2
SDA
– I2C Data
The SDA signal is the I2C data signal. It is an open-drain signal so that either side can pull it down to
a logic low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com