Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
12 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_TR_LD_1
mA
Load transient response
VIN = VOUT + VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = 1 mA to 300 mA
tR = tF = 1
μs
20
mV
tON
Turn-on time
Time to 90 % of VOUT
IOUT = 0 mA
0.15
ms
tOFF
Turn-off time
Time to 10 % of VOUT
IOUT = 0 mA
2
ms
AC Parameters
PSRR1kHz
Power supply rejection ratio
f = 1 kHz
VIN = 3.2 V
VOUT = VOUT (Typ)
IOUT = 150 mA
COUT
= 4.7 μF
Note 3
102
dB
PSRR100kHz
Power supply rejection ratio
f = 100 kHz
VIN = 3.2 V
VOUT = VOUT (Typ)
IOUT = 150 mA
COUT
= 4.7 μF
Note 3
87
dB
PSRR1MHz
Power supply rejection ratio
f = 1 MHz
VIN = 3.2 V
VOUT = VOUT (Typ)
IOUT = 150 mA
COUT
= 4.7 μF
Note 3
81
dB
VN_100kHz
Output noise
f = 10 Hz to 100 kHz
VIN = 3.2 V
VOUT = VOUT (Typ)
IOUT > 30 mA
13
μV
VN_1MHz
Output noise
f = 10 Hz to 1 MHz
VIN = 3.2 V
VOUT = VOUT (Typ)
IOUT > 10 mA
21
μV
Current Limit Accuracy
IOUT_FUNC_LI
M
Functional current limit
500
mA
IOUT_STARTUP
_LIM_ACC
Start-up current limit
accuracy
IOUT_STARTUP_LIM > 11 mA
-50
50
%
IOUT_STARTUP
_LIM_ACC_11
Start-up current limit
accuracy
IOUT_STARTUP_LIM = 11 mA
-75
75
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com