Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG51001 Datasheet HTML 1Page - Renesas Technology Corp SLG51001 Datasheet HTML 2Page - Renesas Technology Corp SLG51001 Datasheet HTML 3Page - Renesas Technology Corp SLG51001 Datasheet HTML 4Page - Renesas Technology Corp SLG51001 Datasheet HTML 5Page - Renesas Technology Corp SLG51001 Datasheet HTML 6Page - Renesas Technology Corp SLG51001 Datasheet HTML 7Page - Renesas Technology Corp SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
1 of 25
© 2022 Renesas Electronics Corporation
General Description
SLG51001 contains six compact and customizable low dropout regulators and is designed for high
performance camera modules and other small multi-rail applications.
The LDO_HP is optimized to meet the requirements of high-performance analog circuits. It provides
very low output voltage noise characteristics of 13 µV (rms) in addition to high PSRR of 81 dB at
1 MHz and tight output voltage accuracy of ±1 % over temperature.
The 1 A capable LDO_LV can be configured to operate as a load switch which is optimized to meet
the requirements of low RON. By using efficient DC-DC switching regulators upstream in conjunction
with SLG51001
’s linear regulators and load switch downstream, applications can leverage the best
characteristics of each to simultaneously achieve low power, low noise, and low voltage dropout,
respectively.
Built-in safety protection such as under-voltage lockout, over-temperature protection, and current limit
ensures that the ICs are operating under nominal conditions. SLG51001 has an I2C-compatible
interface for flexible power control. SLG51001 is available in a small 16-pin WLCSP package with a
wide ambient operating temperature range of -40 °C to 85 °C.
Key Features
■ Input voltage range:
□ 2.8 V to 5.0 V (1 x HP LDO)
□ 1.7 V to 5.0 V (4 x HV LDO)
□ 0.8 V to 1.5 V (1 x LV LDO)
□ 0.5 V to 1.25 V (1 x load switch)
■ Separate input supply and enable pins for
flexible power configurations
■ Output voltage range:
□ 2.4 V to 3.3 V (1 x HP LDO)
□ 1.2 V to 3.75 V (4 x HV LDO)
□ 0.5 V to 1.2 V (1 x LV LDO)
■ Output current levels:
□ Up to 475 mA (1 x HP LDO)
□ Up to 500 mA (4 x HV LDO)
□ Up to 1 A (1 x LV LDO)
□ Up to 1 A (1 x load switch)
■ High PSRR of 102 dB at 1 kHz and 81 dB at
1 MHz (1 x HP LDO)
■ Ultra-low output voltage noise of 13 µV (1 x
HP LDO)
■ Low dropout voltage (10 mV per 100 mA of
load) for high current LDO supply rail (LV
LDO)
■ Ultra-low RON load switch with low leakage and
slew rate control for low VIN supplies
■ Tight output voltage accuracy of ±1 %
over-temperature
■ Low shutdown current of 300 nA
■ Low quiescent current of 14 µA
■ User configurable settings via I2C interface
and OTP
□ Including output voltage, power
sequencing, soft-start timing, and current
limit threshold
■ Soft start and soft shutdown
■ Under-voltage lockout (UVLO)
■ Thermal shutdown
■ Configurable temperature alerts
■ Wide -40 °C to +85 °C operating temperature
■ 16-pin WLCSP: 1.675 mm x 1.675 mm x
0.465 mm, 0.4 mm pitch
Applications
■ High End Camera Module Applications
■ Smartphones
■ Digital Cameras
■ Smart Devices with Imaging


Similar Part No. - SLG51001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
SLG51000CTR RENESAS-SLG51000CTR Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51002 RENESAS-SLG51002 Datasheet
781Kb / 37P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
25-Jul-2023
SLG51002C RENESAS-SLG51002C Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
More results

Similar Description - SLG51001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com