Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 7Page - Renesas Technology Corp SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
11 of 25
© 2022 Renesas Electronics Corporation
3.7
LDO_HP Characteristics
Table 9: LDO_HP (LDO1) Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
2.8
5
V
COUT
Output capacitance
Effective capacitance after
derating
2.2
4.7
10
μF
IOUT_MAX
Maximum output current
VIN = 3.3 V
VOUT drops 50 mV
475
mA
Programmable Conditions
VOUT
Selectable output voltage
2.4
2.85
3.3
V
VOUT_LSB
LSB of output voltage
programming DAC (8-bit
control)
5
mV
IOUT_STARTUP
_LIM
Start-up current limit,
programmable range
Note 1
At 90 % VOUT
11
140
240
mA
Electrical Performance
Static Parameters
VOUT_PP
Part to part output voltage
accuracy
Note 2
IOUT = 1 mA
TA = 25 °C
-5
5
mV
VOUT_TEMP
Temperature dependence of
VOUT
Note 2
IOUT = 1 mA
-0.65
0.65
%
VOUT_STATIC_
LINE
Static line regulation
Note 2
IOUT = 1 mA
VIN = VOUT +
VDROPOUT (Max) to VIN (Max)
-2
2
mV
VOUT_STATIC_
LD
Static load regulation
Note 2
1 mA < IOUT < 300 mA
-7.5
5.5
mV
VDROPOUT
Dropout voltage
@ VOUT = VOUT (VIN (Max)) -
10 mV
IOUT = 300 mA
200
mV
Dynamic Parameters
VOUT_TR_LINE
Line transient response
VIN = VOUT +
VDROPOUT (Max) + 100 mV to
VIN = VOUT + VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = 300 mA
tR = tF = 1
μs
0.3
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com