Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 4Page - Renesas Technology Corp SLG51001 Datasheet HTML 5Page - Renesas Technology Corp SLG51001 Datasheet HTML 6Page - Renesas Technology Corp SLG51001 Datasheet HTML 7Page - Renesas Technology Corp SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
8 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
Power supply voltage on
VIN6 pin
Load Switch Mode
0.5
1.25
V
VPIN_LV
Voltage on low-voltage
pins
GPIO1 to GPIO3 and GPI4
0
1.8
V
VPIN_HV
Voltage on high-voltage
pins
CS
0
VDD
V
3.3
Thermal Characteristics
Table 5: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
Rϴ_JA
Package thermal
resistance
Junction to ambient
JEDEC standard PCB
64.3
K/W
3.4
Current Consumption
Note: Current consumption electrical characteristics apply over the full operating temperature range.
Table 6: Current Consumption
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
IQ_SLEEP
Current consumption in
SLEEP. IQ_SLEEP is the IQ
in LOW IQ RESET State
VIN = 3.8 V
VIN6 = 0 V
All references disabled
I2C interface disabled
All rails disabled
0.15
0.65
μA
IQ_READY
_DIS
Current consumption in
READY State
VIN = 3.8 V,
VIN6 = 0 V
All references enabled
I2C interface enabled
All rails disabled
14
24
μA
IQ_READY
_EN
Current consumption in
READY State
VIN = 3.8 V
All references enabled
I2C interface enabled
All rails enabled, no load
390
630
μA
IQ_OFF_25
C
Quiescent current in OFF
Mode
TA = 25 °C
1
μA
IQ_OFF
Quiescent current in OFF
Mode
TA =-40 °C to 85 °C
7.6
μA
3.5
Chip Select Digital I/O Characteristics
Digital I/O electrical characteristics apply over the full operating temperature range, see Section
3.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com