Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
15 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
AC Parameters
PSRR1kHz
Power supply rejection ratio
f = 1 kHz
VIN = VOUT + 500 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
80
dB
PSRR100k
Hz
Power supply rejection ratio
f = 100 kHz
VIN = VOUT + 500 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
54
dB
PSRR1MH
z
Power supply rejection ratio
f = 1 MHz
VIN = VOUT + 500 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
47
dB
VN
Output noise
f = 10 Hz to 100 kHz
IOUT = IOUT_MAX/2
152
μV
Current Limit Accuracy
IOV_SINK
Current sink at over-voltage
VOV = VOUT + 100 mV
Note 10
10
77
mA
Quiescent Current Specifications
IQ_ON_0m
A
Quiescent current
IOUT = 0 mA
Note 11
13
19
μA
IQ_ON_1m
A
Quiescent current
IOUT = 1 mA
Note 11
36
48
μA
IQ_ON_IM
AX
Quiescent current
IOUT = IOUT_MAX
Note 11
2.25
3.5
mA
RPD_OFF
Output pull down resistance
VOUT = 0.5 V
LDO disabled
30
100
Ω
Note 1
IOUT_MAX below 2.1 V is limited to 200 mA. For VIN above 2.1 V, IOUT_MAX of 500 mA is
guaranteed.
Note 2
Guaranteed for VIN > 2.1 V, between 1.7 V and 2.1 V the IOUT_MAX guaranteed is 200 mA.
Note 3
Accuracy ±30 %
Note 4
The overall accuracy can be calculated by summing VOUT_PP + VOUT_TEMP + VOUT_STATIC_LD
+ VOUT_STATIC_LINE.
Note 5
+10 mV / -10 mV accuracy applies to factory-trimmed VOUT values targeted between 1.23 V to 3.72
V. VOUT targets from 1.20 V to 1.22 V can be trimmed to +24 mV/ -10 mV accuracy. VOUT targets
from 3.73 V to 3.75 V can be trimmed to +10 mV / -30 mV accuracy
Note 6
Guaranteed for V
IN ≥ 2.5 V.
Note 7
Guaranteed for VIN > 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com