Electronic Components Datasheet Search
  English  ▼

X  

SLG51001 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp SLG51001 Datasheet HTML 15Page - Renesas Technology Corp SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
17 of 25
© 2022 Renesas Electronics Corporation
3.9
LDO_LV Characteristics
In the LDO_LV electrical characteristics table, unless otherwise specified, all specifications are
guaranteed for VDD above 2.5 V and below 4.9 V, for VIN as defined in the table, and apply over the
full operating temperature range, see Section 3.1.1.
The characteristics for the LDOs in Load Switch Mode are given in Section 3.9.1.
Table 11: LDO_LV (LDO6) Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input supply (pass device +
part of controller)
0.8
1.25
1.5
V
VDD_CTRL
Supply for controller (VDD)
2.3
3.8
5
V
COUT
Output capacitance
Effective capacitance after
derating
10
Note 1
20
80
μF
ESLCOUT
Output capacitor series
inductance
f > 100 kHz
1
nH
IOUT_MAX
Maximum output current
VOUT drops 50 mV
1000
mA
Programmable Conditions
VOUT
Selectable output voltage
0.5
Note 2
1.175
1.2
V
VOUT_LSB
LSB of output voltage
programming DAC (8-bit
control)
5
mV
IOUT_STA
RTUP_LIM
Start-up current limit,
programmable in 13 mA
steps
Note 3
At 90 % VOUT
15
150
1434
mA
IOUT_FUN
C_LIM
Functional current limit,
programmable in 13 mA
steps
Note 3
15
1250
1434
mA
Electrical Performance
Static Parameters
VOUT_PP
Part to part output voltage
accuracy
Note 4
IOUT = 1 mA
TA = 25 °C
-5
5
mV
VOUT_TE
MP
Temperature dependence of
VOUT
Note 4
IOUT = 1 mA
Note 5
-0.65
0.65
%
VOUT_STA
TIC_LINE
Static line regulation
Note 4
IOUT = 1 mA
VIN = VOUT +
VDROPOUT (Max) to VIN
(Max)
-2
2
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com